Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034P Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 29Page - STMicroelectronics ST8034P Datasheet HTML 30Page - STMicroelectronics ST8034P Datasheet HTML 31Page - STMicroelectronics ST8034P Datasheet HTML 32Page - STMicroelectronics ST8034P Datasheet HTML 33Page - STMicroelectronics ST8034P Datasheet HTML 34Page - STMicroelectronics ST8034P Datasheet HTML 35Page - STMicroelectronics ST8034P Datasheet HTML 36Page - STMicroelectronics ST8034P Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Package information
ST8034T, ST8034AT, ST8034P, ST8034C
34/40
DocID024587 Rev 4
Table 15. SO16 - 3.9 x 9.9 mm body package mechanical data
Figure 20. Recommended footprint SO16 - 3.9 x 9.9 mm body
Symbol
Dimensions (mm)
Notes
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
9.80
9.90
10.00
(1)
1. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or
gate burrs should not exceed 0.15 mm in total (both sides).
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
(2)
2. Dimension “E1” does not include interlead flash or protrusions. Interlead flash or protrusions
should not exceed 0.25 mm (per side).
e
1.27
h
0.25
0.50
L
0.40
1.27
k
08
(3)
3. Degrees.
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com