Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034P Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 27Page - STMicroelectronics ST8034P Datasheet HTML 28Page - STMicroelectronics ST8034P Datasheet HTML 29Page - STMicroelectronics ST8034P Datasheet HTML 30Page - STMicroelectronics ST8034P Datasheet HTML 31Page - STMicroelectronics ST8034P Datasheet HTML 32Page - STMicroelectronics ST8034P Datasheet HTML 33Page - STMicroelectronics ST8034P Datasheet HTML 34Page - STMicroelectronics ST8034P Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
Functional description
ST8034T, ST8034AT, ST8034P, ST8034C
32/40
DocID024587 Rev 4
If the CMDVCC pin is high for more than 15 ms but less than 30 ms
(15 ms < tW_VCC < 30 ms), the CMDVCC pin must be set low for t1 (200 s < t1 < 700 s)
and then high for t2 (200 s < t2 < 15 ms) before going low:
Figure 18. Card activation to VCC = 3 V, tW_VCC >15 ms
If the CMDVCC pin is high for more than 30 ms (card inactive), and if the card needs to be
activated at 3 V, the sequence shown in Figure 18 applies: the CMDVCC pin must be set
low for t1 (200 s < t1 < 700 s) and then high for t2 (200 s < t2 < 15 ms) before going low.
6.10.2
Card supply (VCC) selection by tristate VCC_SEL pin (ST8034P only)
For the ST8034P device, a 1.8 V card supply feature was added and all the 5 V, 3 V or 1.8 V
card supply (VCC) levels are pin-selectable by the single VCC_SEL input pin which works in
a tristate mode, see Table 14. To define a logic level in the case of the “left-floating” state, an
internal resistor divider (285 + 285 k
) between VDD(INTF) and GND is implemented on this
pin. The VCC voltage value should not be increased in active mode, as this could cause an
overcurrent condition and deactivation due to an attempt to step change the voltage on the
CVCC capacitor.
6.11
Chip select (ST8034C only)
The chip select (CS) input is active high, meaning normal operation when the CS input is in
logic high state. When the CS pin goes low, the status of the ST8034C device is frozen
(i.e. the status of control inputs RSTIN and CMDVCC is latched) and the I/OUC pin on the
microcontroller interface goes into a high impedance mode (with pull-up resistor to
VDD(INTF)), not transferring any data to or from the card. The OFF output pin also goes into
a high impedance mode. This allows the microcontroller interface pins to be shared among
multiple smartcard interfaces connected in parallel. The status and all the ST8034C device
functions (including the card) are maintained for immediate use when the CS goes high
again. For this reason CLKIN clock input is not affected by the chip select, the clock is
provided to the ST8034C device and to the card even when the CS is low.
Table 14. ST8034P VCC selection
VCC_SEL pin level
VCC output (card supply) voltage [V]
High
5
Low
3
Floating
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com