Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034P Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST8034P
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST8034P Datasheet HTML 16Page - STMicroelectronics ST8034P Datasheet HTML 17Page - STMicroelectronics ST8034P Datasheet HTML 18Page - STMicroelectronics ST8034P Datasheet HTML 19Page - STMicroelectronics ST8034P Datasheet HTML 20Page - STMicroelectronics ST8034P Datasheet HTML 21Page - STMicroelectronics ST8034P Datasheet HTML 22Page - STMicroelectronics ST8034P Datasheet HTML 23Page - STMicroelectronics ST8034P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
DocID024587 Rev 4
21/40
ST8034T, ST8034AT, ST8034P, ST8034C
Electrical characteristics
Figure 7. Definition of duty cycle and input and output rise/fall times
Duty cycle (DC) = t1 / (t1 + t2).
Table 11. Protection characteristics
Symbol
Parameter
Test conditions(1)
Min. Typ.
Max.
Unit
IOLIM
Output current limit(2)
I/O pin
-15
15
mA
CLK pin
-70
70
RST pin
-20
20
ISD(VCC)
Limit and shutdown card supply current
VCC pin
90
120
150
mA
TSD
Shutdown junction temperature
150
°C
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.
2. All card contacts are protected against short-circuit to any other card contact.
Table 12. Timing characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max. Unit
tACT
Activation time
See Figure 12 on
page 27
2090
4160
µs
tDEACT
Deactivation time
See Figure 13 on
page 28
35
90
250
µs
tD(START),
tD(END)
Delay time, CLK sent to card using an external
clock
tD(START) = t3,
see Figure 12 on
page 27
2090
4112
µs
tD(END) = t5,
see Figure 12 on
page 27
2120
4160
tDEB
Debounce time
PRES pin
3.2
4.5
6.4
ms
1. TA = 25 °C, VDD = 3.3 V, VDDP = 5 V, VDD(INTF) = 3.3 V, fXTAL = 10 MHz, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com