Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034C Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST8034C
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034C Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST8034C Datasheet HTML 18Page - STMicroelectronics ST8034C Datasheet HTML 19Page - STMicroelectronics ST8034C Datasheet HTML 20Page - STMicroelectronics ST8034C Datasheet HTML 21Page - STMicroelectronics ST8034C Datasheet HTML 22Page - STMicroelectronics ST8034C Datasheet HTML 23Page - STMicroelectronics ST8034C Datasheet HTML 24Page - STMicroelectronics ST8034C Datasheet HTML 25Page - STMicroelectronics ST8034C Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
DocID024587 Rev 4
23/40
ST8034T, ST8034AT, ST8034P, ST8034C
Functional description
The voltage supervisor monitors the voltage of the VDD, VDDP and VDD(INTF) supplies and
provides both power-on reset (POR) and supply dropout detection during a card session.
The supervisor threshold voltages for VDD, VDDP and VDD(INTF) are set internally. As long as
VDD, VDDP or VDD(INTF) is less than the corresponding VTH + VHYS, the ST8034 device
remains inactive irrespective of the command line levels. After VDD, VDDP, and VDD(INTF)
have reached a level higher than the corresponding VTH + VHYS, the device still remains
inactive for the duration of tW, a defined reset pulse of approximately 8 ms
(tW = 1024 x 1/fOSC(INT)LOW) when the output of the supervisor keeps the control logic in
reset state. This is used to maintain the device in shutdown mode during the supply voltage
power-on, see Figure 10. A deactivation sequence is performed when either VDD, VDDP or
VDD(INTF) falls below the corresponding VTH.
6.2.2
Voltage supervisor with PORADJ function (ST8034P and ST8034C)
In the case of devices with the PORADJ pin (ST8034P, ST8034C), additional flexibility of the
voltage monitoring is available: the PORADJ pin provides an independent voltage
monitoring input that can be used for VDD(INTF) monitoring (as shown in Figure 9) or
generally for the monitoring of any external voltage to which the resistor divider is
connected, with adjustable threshold.
Undervoltage (UVLO) threshold adjustment on the PORADJ input with the resistor divider:
VDD(INTF) UVLO threshold (falling) = (R1+R2)/R2 x VTH(PORADJ)
VDD(INTF) UVLO threshold (rising) = (R1+R2)/R2 x (VTH(PORADJ) + VHYST(PORADJ))
If the external resistor divider is not used, connect the PORADJ pin to VDD(INTF), then
VDD(INTF) UVLO threshold = VTH(PORADJ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com