Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034C Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST8034C
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST8034C Datasheet HTML 24Page - STMicroelectronics ST8034C Datasheet HTML 25Page - STMicroelectronics ST8034C Datasheet HTML 26Page - STMicroelectronics ST8034C Datasheet HTML 27Page - STMicroelectronics ST8034C Datasheet HTML 28Page - STMicroelectronics ST8034C Datasheet HTML 29Page - STMicroelectronics ST8034C Datasheet HTML 30Page - STMicroelectronics ST8034C Datasheet HTML 31Page - STMicroelectronics ST8034C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
DocID024587 Rev 4
29/40
ST8034T, ST8034AT, ST8034P, ST8034C
Functional description
6.8
VCC generator
The LDO on the VCC output is capable of supplying up to 65 mA continuously at any
selected VCC value (5 V or 3 V, or even 1.8 V in the case of ST8034P). This output is
overcurrent protected by a current limiter with a limit threshold value of 120 mA typ., with
a glitch immunity allowing overcurrent pulses up to 200 mA with duration up to several
microseconds not causing a deactivation (the average current value must stay below the
specified current limit, see Table 7 on page 14 and Table 11 on page 21).
A 100 nF capacitor (min.) with ESR < 350 m
 should be tied to GND near the VCC pin and
another low ESR 100 nF capacitor (min.) should be tied to GND also on the card side, near
the card reader contact C1.
6.9
Fault detection
The fault conditions monitored by the device are:
Short-circuit or overcurrent on the VCC pin
Card removal during transaction
VDD falling
VDDP falling
VDD(INTF) falling
Overheating.
There are two different fault detection situations:
Outside card session (CMDVCC pin is high): the OFF pin is low if the card is not in the
reader and high if the card is in the reader. Any voltage drop on VDD, VDDP or VDD(INTF)
is detected by the voltage supervisor. This generates an internal power-on reset pulse
but does not act upon the OFF pin signal. The card is not powered-up and short-circuits
or overheating are not detected.
In card session (CMDVCC pin is low): when the OFF pin goes low, the fault detection
circuit triggers the automatic emergency deactivation sequence (see Figure 14).
On card insertion or removal, bouncing can occur on the card presence switch (i.e. on the
PRES signal). Therefore a debouncing feature is integrated in the ST8034 (4.5 ms typically,
tDEB = 640 × 1/fOSC(INT)LOW). See Figure 15.
On card insertion, the OFF pin goes high after the debounce time has elapsed. When the
card is extracted, the automatic card deactivation sequence is performed on the first
high to low transition on the PRES pin. After this, the OFF pin goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com