Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034C Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST8034C
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034C Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST8034C Datasheet HTML 21Page - STMicroelectronics ST8034C Datasheet HTML 22Page - STMicroelectronics ST8034C Datasheet HTML 23Page - STMicroelectronics ST8034C Datasheet HTML 24Page - STMicroelectronics ST8034C Datasheet HTML 25Page - STMicroelectronics ST8034C Datasheet HTML 26Page - STMicroelectronics ST8034C Datasheet HTML 27Page - STMicroelectronics ST8034C Datasheet HTML 28Page - STMicroelectronics ST8034C Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Functional description
ST8034T, ST8034AT, ST8034P, ST8034C
26/40
DocID024587 Rev 4
6.3.2
ST8034P and ST8034C clock
In the case of ST8034P and ST8034C, only one external clock input (CLKIN) is
implemented, referred to VDD(INTF), with identical functionality such as use of the XTAL1 pin
in the case of ST8034T or ST8034AT.
6.4
Input and output circuits
When the I/O and I/OUC pins are pulled high by a 9 k
 resistor between I/O and VCC and/or
10 k
 resistor between I/OUC and VDD(INTF), both lines enter the idle state. The I/O pin is
referenced to VCC and the I/OUC pin to VDD(INTF), which allows operation at VCC level
different from VDD(INTF) level.
The first side on which a falling edge occurs becomes the master. An anti-latch circuit
disables falling edge detection on the other side, making it the slave. After a time delay tD,
the logic 0 present on the master side is sent to the slave side. When the master side
returns logic 1, the slave side sends logic 1 during time delay (tW(PU)). After this sequence,
both master and slave sides return to their idle states.
The active pull-up feature (one-shot circuit) ensures fast low to high transitions, making the
ST8034 outputs capable of delivering more than 1 mA, up to an output voltage of 0.9 VCC, at
a load of 80 pF. At the end of the active pull-up pulse, the output voltage is dependent on the
internal pull-up resistor value and load current. The current sent to and received from the
card's I/O lines is limited to 15 mA at a maximum frequency of 1 MHz.
6.5
Shutdown mode
After a power-on reset, if CMDVCC is high, the ST8034 device enters shutdown mode,
ensuring only the minimum number of circuits are active while the ST8034 device waits for
the microcontroller to start a session.
All card contacts are inactive. The impedance between the contacts and GND is
approximately 200
I/OUC pin is in high impedance with the 10 k
 pull-up resistor connected to VDD(INTF)
The voltage generators are stopped
The voltage supervisor is active
The internal oscillator runs at its low frequency (fOSC(INT)LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com