Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034C Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST8034C
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034C Datasheet(HTML) 4 Page - STMicroelectronics

  ST8034C Datasheet HTML 1Page - STMicroelectronics ST8034C Datasheet HTML 2Page - STMicroelectronics ST8034C Datasheet HTML 3Page - STMicroelectronics ST8034C Datasheet HTML 4Page - STMicroelectronics ST8034C Datasheet HTML 5Page - STMicroelectronics ST8034C Datasheet HTML 6Page - STMicroelectronics ST8034C Datasheet HTML 7Page - STMicroelectronics ST8034C Datasheet HTML 8Page - STMicroelectronics ST8034C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
DocID024587 Rev 4
5/40
ST8034T, ST8034AT, ST8034P, ST8034C
List of figures
List of figures
Figure 1.
Block diagram ST8034T and ST8034AT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Block diagram ST8034P . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Block diagram ST8034C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Pin connections ST8034T and ST8034AT, top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Pin connections ST8034P (options VCC_SEL and PORADJ pins),
top-through view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Pin connections ST8034C (options chip select and PORADJ pins),
top-through view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Definition of duty cycle and input and output rise/fall times . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 8.
Voltage supervisor - ST8034T and ST8034AT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 9.
Voltage supervisor with adjustable VDD(INTF) threshold (PORADJ function)
- ST8034P and ST8034C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 10.
Voltage supervisor waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 11.
External clock usage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 12.
Activation sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 13.
Deactivation sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 14.
Deactivation sequence after card removal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 15.
Debounce at OFF, CMDVCC, PRES and VCC pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 16.
Card activation to VCC = 5 V (tW_VCC > 30 ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 17.
Card activation to VCC = 3 V (tW_VCC < 15 ms) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 18.
Card activation to VCC = 3 V, tW_VCC >15 ms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 19.
SO16 - 3.9 x 9.9 mm body package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 20.
Recommended footprint SO16 - 3.9 x 9.9 mm body . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 21.
QFN16 - 3 x 3 x 0.8 mm, 0.5 mm pitch package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 22.
Recommended footprint QFN16 - 3 x 3 x 0.8 mm, 0.5 mm pitch . . . . . . . . . . . . . . . . . . . . 36
Figure 23.
Carrier tape for SO16 - 3.9 x 9.9 mm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 24.
Carrier tape for QFN16 - 3 x 3 x 0.55 mm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com