Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8034C Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST8034C
Description  16-pin smartcard interfaces
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8034C Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST8034C Datasheet HTML 31Page - STMicroelectronics ST8034C Datasheet HTML 32Page - STMicroelectronics ST8034C Datasheet HTML 33Page - STMicroelectronics ST8034C Datasheet HTML 34Page - STMicroelectronics ST8034C Datasheet HTML 35Page - STMicroelectronics ST8034C Datasheet HTML 36Page - STMicroelectronics ST8034C Datasheet HTML 37Page - STMicroelectronics ST8034C Datasheet HTML 38Page - STMicroelectronics ST8034C Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Tape and reel information
ST8034T, ST8034AT, ST8034P, ST8034C
38/40
DocID024587 Rev 4
Figure 24. Carrier tape for QFN16 - 3 x 3 x 0.55 mm
1. Measured from centerline of sprocket hole to centerline of pocket.
2. Cumulative tolerance of 10 sprocket holes is ± 0.20.
3. Other material available.
4. Typical SR of form tape from 105 to 1010
/sq.
5. All dimensions are in millimeters unless otherwise stated.
Table 18. Dimensions of carrier tape for QFN16 - 3 x 3 x 0.55 mm
Ao
Bo
Ko
F
P1
W
3.30 ± 0.1
3.30 ± 0.1
0.80 ± 0.1
5.50 ± 0.1
8.00 ± 0.1
12.00 ± 0.3
Table 19. Tape and reel specification QFN16
Quantity
per reel
Carrier tape
Cover tape
Lockreel 7 / 13"
Part no.
(vendor)
Description
Part no.
(vendor)
Description
Part no.
(vendor)
Description
3000
434146 (Cpak)
Carrier tape
12 mm width,
8 mm pitch
437150 (Cpak)
Cover tape
9.2 mm width
434543 (peak)
13" lockreel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com