Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC600 Datasheet(PDF) 6 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 6 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 2Page - Espros Photonics corp EPC600 Datasheet HTML 3Page - Espros Photonics corp EPC600 Datasheet HTML 4Page - Espros Photonics corp EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp EPC600 Datasheet HTML 10Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Pin Configuration
Top View
17
1
2
3
VDDCP
LED
NC4
VREF
GNDM
VDDT
5
10
6
20
19
18
7
8
9
VDDCORE
XTAL1
XTAL2
24
23
22
21
16
15
11
VDDPLL
VDD
GNDLED
GNDA
GND
GNDPLL
VDDIO
VDDPX
VDDHPX
4
NC3
VDDBS
1.8V
5V
8.5V
10V
12V
-5V
Voltage classes
13
12
14
SDATA
SCLK
NC1
HLLED
NC2
LED
NC3
NC4
VREF
VDDIO
VDDHPX
VDDPX
VDDCP
VDDBS
XTAL1
XTAL2
GNDM
VDDT
SDATA
SCLK
HLLED/NC2
NC1
VDDPLL
VDDCORE
GNDLED
GNDPLL
GNDA
GND
VDD
epc600
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Figure 4: Pin configuration
Figure 5: Schematic symbol
Pin Name
Pin No. Type
VSC
Description
SDATA
19
DOUT
DIN
+5.0V Serial data, bidirectional data transmission of the 2-wire interface
SCLK
20
DIN
+5.0V Serial clock input SCLK of the 2-wire interface
LED
12
AOUT
+5.0V LED driver output, high current, open drain, square-wave signal
XTAL1
15
AIN
+1.8V Oscillator input, use only with crystal (or ceramic) oscillator
XTAL2
16
AOUT
+1.8V Oscillator output, use only with crystal (or ceramic) oscillator
VDD
10
SUPPLY
+8.5V Power supply +8.5V
VDDCORE
2
SUPPLY
+1.8V Decoupling of internal digital core supply +1.8V
VDDPLL
17
SUPPLY
+1.8V Decoupling of internal PLL supply +1.8V
VREF
5
SUPPLY
+5.0V Attention: Do not connect this pin
VDDIO
7
SUPPLY
+5.0V Decoupling of the internal internal I/O supply +5.0V
VDDPX
8
SUPPLY
+5.0V Decoupling of the internal pixel reference voltage +5.0V
VDDHPX
9
SUPPLY
+10V
Decoupling of the internal pixel reference voltage +10V
VDDCP
11
SUPPLY
+12V
Filter capacitor pin for the charge pump circuit +12V
VDDBS
6
SUPPLY
-5.0V
Power supply: Bias voltage -5.0V
VDDT
3
DIN
+5.0V With pull-down resistor 120kOhm; connect to +5.0V.
GND
21
SUPPLY
---
Ground for digital circuitry +1.8V
GNDA
22
SUPPLY
---
Ground for analog circuitry, charge pumps and +5.0V I/O circuit
GNDPLL
24
SUPPLY
---
Ground for PLL
GNDLED
23
SUPPLY
---
Ground for LED driver
GNDM
4
DIN
+5.0V Connect to GND
NC1
18
+5.0V Attention: Do not connect this pin
HLLED/NC2
1
+5.0V Connect this pin with a 1kOhm resistor to GND
NC3
13
+5.0V Attention: Do not connect this pin
NC4
14
+5.0V Connect this pin with zero ohm resistor to GND
Table 4: Pin function descriptions
Abbreviations to Table 4:
VSC
Supply class for matching components and I/O voltage levels
DOUT
Digital output
DIN
Digital input
AOUT
Analog output
AIN
Analog input
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
6 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com