Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC600 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp EPC600 Datasheet HTML 10Page - Espros Photonics corp EPC600 Datasheet HTML 11Page - Espros Photonics corp EPC600 Datasheet HTML 12Page - Espros Photonics corp EPC600 Datasheet HTML 13Page - Espros Photonics corp EPC600 Datasheet HTML 14Page - Espros Photonics corp EPC600 Datasheet HTML 15Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
A command, including the measurement type and integration time, sent by the microprocessor to the 2-wire interface, sets the epc600-chip
configuration and triggers the measurement. The device operates standalone to perform the distance measurement. When it is finished,
the chip responds by sending the results: the distance value. It is without any calibration, correction or offset compensation. Based on this
data, the microprocessor computes the final measurement result in regards to the necessary correction factors e.g. quality, offset, ambient-
light and temperature drift. The actual result must be read first before starting the next capture cycle. The detailed method of communica -
tion and the instruction set are described in chapter 3.: Instruction Set. For more details refer also the the epc600 Handbook.
The epc600 range-finder uses the time-of-flight principle. It is implemented with a repeating, continuous-mode modulation signal during the
measurement phase (refer to Figure 14). Consequently, only signals returning within the maximum time slots can be detected unambigu-
ously. This corresponds for the epc600 to a maximum operating range of 15m. Strongly reflected signals outside of this range may there -
fore interfere with the measurement.
1.3.2. System sensitivity, integration time and operating range
The operational range of the complete system is limited by the sensitivity of the receiver as well as by the illumination power emitted by the
modulating light source (e.g. LED).
Integration time tINT
Time
Ambient-light DC EDC
Modulated light EAC-PP
(peak-to-peak)
Light
Intensity
Measurement time tMEAS = 4x integration time tINT + system time tSYS
Figure 14: The light detected by the receiver
The system sensitivity consists of two factors: The hardware sensitivity SAC of the photo-sensor (refer to chapter: Timing and optical Char-
acteristics) and the integration time tINT (exposure time).
The measurement evaluation is done by computing the distance out of 4 samples received in one measurement cycle tMEAS. A sample is
the collected power of the receiving light signal during the integration time (refer to EAC in Figure 14). This means the system's sensitivity
relates to the integration time: The longer the integration time, the more sensitive the measurement.
The measured irradiance EAC (uncalibrated) at the sensor surface can be calculate out of the AC sensitivity SAC, the used integration time
tINT-AC, the reference integration time tINT-REF-AC and the amplitude AAC of the received modulated signal (refer to chapter 1.3.4.Quality of the
measurement result) in the following way:
EAC
= SAC⋅
t
INT-REF-AC
t
INT-AC
⋅ AAC
e.g.
E
AC = 31
nW
/ cm
2
LSB
⋅
103
μ s
205
μ s
⋅1'000 LSB = 16 μ W/cm
2
Illumination power, remission of the object (reflectivity), sensitivity of the sensor together with the integration time are limiting the distance
operational range. For more detailed information, refer to epc's application note: AN02 Reflected power calculation.
It will probably not be possible to cover the full operational range within one integration time step due to the dynamic range of the re-
ceiver's electronics. The possibilities to extend the operating range or to influence the response time are:
■ to adapt the integration time correspondingly to the necessary sensitivity as demonstrated in Figure 15.
■ or alternatively: use an additional, external LED driver to adjust the illumination to the needed system sensitivity level (refer to
chapter 1.3.9.: Extended operating range).
The easiest way is to adapt the integration time to the current illumination situation (e.g. in Figure 15). With the command formats, which
allow adjusting of the integration time, it is easy to do. It is simple to change the integration time on the fly: a capture is initiated by a com -
mand sent to the chip.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
11 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com