Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC600 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 9Page - Espros Photonics corp EPC600 Datasheet HTML 10Page - Espros Photonics corp EPC600 Datasheet HTML 11Page - Espros Photonics corp EPC600 Datasheet HTML 12Page - Espros Photonics corp EPC600 Datasheet HTML 13Page - Espros Photonics corp EPC600 Datasheet HTML 14Page - Espros Photonics corp EPC600 Datasheet HTML 15Page - Espros Photonics corp EPC600 Datasheet HTML 16Page - Espros Photonics corp EPC600 Datasheet HTML 17Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Quality indicator:
Excellent illumination:
e.g. 100 LSB < AAC < 1'000 LSB
Status & reason:
The signal quality and the accuracy is excellent and not close to any limits.
Action:
No action necessary. See note below
Quality indicator:
Too bright illumination:
e.g. 1'000 LSB < AAC
Status & reason:
The signal is close to or above the limit of too much light (maximum signal limit).
Action:
Decrease integration time for the next measurement. See note below
Note:
Generally, the higher the received signal, the better and more precise the distance measurement will be. However, it is good practice to
control the integration time such that an amplitude value between 100 ... 200 LSB is achieved. Higher values will only slow down the acqui -
sition rate due to longer integration times, but are not significantly improving signal to noise ratio.
The quality indicator for the ambient-light measurement is the ambient-light amplitude ADC.
The rules to apply are the same as for the modulated light amplitude.
The quality indicator for the distance noise is the ratio AMR of ambient-light to the modulated light. This value may be calculated and used
additionally to the above amplitude value if the respective application is subject to intense ambient light.
Quality indicator:
Ratio AMR of ambient-light to modulated light
AMR
[dB] = 20⋅log
(EDC
E
AC
)
e.g.
AMR
[dB] = 20⋅log
(792μW/cm2
16
μ W/cm
2
) = 34dB
Refer for EDC to chapter 1.3.5. Ambient-light measurement (optical power-meter) and for EAC to chapter 1.3.1. Dis-
tance measurement.
Status & reason:
This ratio is one of the influencing factors on the distance noise (refer to Table 2, section Distance noise)
Action:
< 60 dB: excellent
No action necessary.
< 70 dB: sufficient
Is a lower noise level needed, do the next measurement with a longer integration
time or an increased illumination power.
> 70 dB: weak
Do the next measurement with a longer integration time or an increased illumination
power.
There are also validity indicators delivered by the chip after a measurement. These will help to detect saturated pixels as a result of too
much illumination or too long integration time.
Validity indicator:
MIN_VALID_PIX (refer to chapter 3.2.3.Response: Valid & saturated pixels)
Meaning:
The chip internally detects saturation of pixels and internal signal electronics and flags them non-valid. Since there
are four samples for one measurement, a different number of saturated pixels may internally be detected for each of
the samples. However, the chip output number is the valid pixel count from the sample with the least valid pixels.
The subsequent distance calculation routine uses only this subset of valid pixels. Therefore, the higher the
MIN_VALID_PIX value, the higher the accuracy and reliability of the distance data will be.
How to use:
A low MIN_VALID_PIX value most likely indicates a global saturation of the pixel field resulting from a too long inte -
gration time and/or a too bright illumination. Such a state will also display in the amplitude value (see above).
However, there may be situations where the global illumination is appropriate but there are individual pixels driven into
saturation. This can occur if very bright (high-reflecting) areas are within the scene and blind individual pixels(e.g. a
painted machine part with a small, chrome-polished area). In such a situation, the MIN_VALID_PIX count may help to
differentiate if the shot is still containing enough valid pixels for a reliable distance calculation.
What values are acceptable has to be established within the context of the respective application. As a safe value we
recommend to use only measurements with a value of MIN_VALID_PIX>60.
Validity indicator:
MAX_SAT_PIX (refer to chapter 3.2.3.Response: Valid & saturated pixels)
Meaning:
The MAX_SAT_PIX is a complementary value to the above MIN_VALID_PIX value. But it counts only the saturated
pixels (not the subsequent signal electronics). The lower the MAX_SAT_PIX value, the higher the accuracy and relia-
bility of the distance data will be.
How to use:
Like above.
As a safe value we recommend to use only measurements with a value of MIN_SAT_PIX<5.
Remember, the epc600 chip is using a sensor array with 64 pixels and the single distance output is an average of these pixels. The two
parameters above indicate how many of these pixels are actually used for this average calculation. Refer to the epc600 Handbook for
more details on the averaging algorithm.
Table 6 shows a quality decision matrix as a summary of the validity and quality parameters for the distance measurement.
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
13 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com