Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC600 Datasheet(PDF) 1 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 1 Page - Espros Photonics corp

  EPC600 Datasheet HTML 1Page - Espros Photonics corp EPC600 Datasheet HTML 2Page - Espros Photonics corp EPC600 Datasheet HTML 3Page - Espros Photonics corp EPC600 Datasheet HTML 4Page - Espros Photonics corp EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DATASHEET – epc600
Time-of-flight range-finder chip
General Description
The epc600 chip is a general purpose, monolithic, fully integrated
photoelectric CMOS device for optical distance measurement and
object detection. Its working principle is based on the three-dimen-
sional (3D) time-of-flight (TOF) measurement.
The system-on-chip (SOC) contains:
■ A full data acquisition path with the driver for the LED, the photo-
receiver, the signal conditioning, the A/D converter and the signal
processing.
■ An on-chip controller managing the data acquisition and the data
communication.
■ A 2-wire interface for the command and data communication.
■ A supply-voltage power management unit.
Together with a tiny microprocessor and few external components,
a fully functional TOF range-finder can be built.
The working principle is based on the elapsed time-of-flight (TOF)
of a photon (modulated light) emitted by the transmitter (LED) and
reflected back by the object to the photosensitive receiver.
The very high photosensitivity allows operating ranges up to sever-
al meters and an accuracy down to a centimeter depending on the
lens and the illumination power.
Features
■ Complete data acquisition system for distance measurement or
object detection on chip. Allows for minimum part count designs.
■ On-chip high power LED driver.
■ Easy to use operation in combination with a tiny microprocessor.
■ Absolute distance measurement with digital data output.
■ Integrated signal-processing.
■ High sensitivity and resolution for measured distances up to 15m.
■ Response time of less than 1ms possible.
■ Digital data output with 12 bit distance data.
■ Excellent ambient-light suppression up to >100kLux.
■ Integrated ambient-light meter (“Luxmeter”)
e.g. for brightness control or dimmer functions.
■ Voltage supply with low power consumption.
■ Easy to use 2-wire interface with simple command set.
■ Fully SMD-compatible flip-chip CSP24 package with very small
footprint.
Possible Applications
■ Light barrier with powerful ambient-light suppression
■ People and object counting sensor
■ Door opening and safety sensor
■ Limit and proximity switch
■ Machine control and safety sensor
■ Water tap and toilet flushing sensor
■ Single spot parking sensor
■ Distance measurement gauge
Functional Block Diagram
Controller
Correlator
Phase shifter
Signal-
processing
LED driver
Modulator
Voltage
regulator
2-wire
serial
interface
RAM
EEPROM
CX1
CX2
XTAL
VDD 8.5V
SCLK
SDATA
LED
A
D
VDDBS -5.0V
Figure 1: epc600 on-chip data acquisition system for range-finders
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
1 / 30
Datasheet epc600 - V1.3
www.espros.ch


Similar Part No. - EPC600

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC610 EPC-EPC610 Datasheet
830Kb / 34P
8x8 pixel 3D TOF imager
EPC635 EPC-EPC635 Datasheet
1Mb / 97P
3D TOF Imager 160 x 60 Pixel
EPC660 EPC-EPC660 Datasheet
1Mb / 16P
3D TOF Imager 320 x 240 Pixel
More results

Similar Description - EPC600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT9221 TI-OPT9221_15 Datasheet
1Mb / 104P
OPT9221 Time-of-Flight Controller
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
logo
Banner Engineering Corp...
LT3BD BANNER-LT3BD Datasheet
396Kb / 9P
LT3BD Long-Range Time-of-Flight Laser Sensor
LT7 BANNER-LT7 Datasheet
976Kb / 20P
LT7 Long-Range Time-of-Flight Laser Sensor
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
STMicroelectronics
VL53L4CX STMICROELECTRONICS-VL53L4CX Datasheet
2Mb / 38P
Time-of-Flight sensor with extended range measurement
June 2022 Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com