Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC600 Datasheet(PDF) 7 Page - Espros Photonics corp

Part # EPC600
Description  Time-of-flight range-finder chip
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC600 Datasheet(HTML) 7 Page - Espros Photonics corp

Back Button EPC600 Datasheet HTML 3Page - Espros Photonics corp EPC600 Datasheet HTML 4Page - Espros Photonics corp EPC600 Datasheet HTML 5Page - Espros Photonics corp EPC600 Datasheet HTML 6Page - Espros Photonics corp EPC600 Datasheet HTML 7Page - Espros Photonics corp EPC600 Datasheet HTML 8Page - Espros Photonics corp EPC600 Datasheet HTML 9Page - Espros Photonics corp EPC600 Datasheet HTML 10Page - Espros Photonics corp EPC600 Datasheet HTML 11Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Layout information
CSP-24 Package (all measures in mm,
<Partname>
<x000 000>
<Name>
<Data>
M 1:1
DIN A4
<Name>
Part Name
Part No.
Designed
Approved
Scale
Page
File:
1
26.02.2009
)
0.450
0.200
0.450
2.76 +0.00/-0.16
1.325
Photosensitive area
on the backside of the chip
Circuit side (Frontside)
Pin 1
Solder balls
Sn97.5Ag2.5
0.320
0.450
0.150
2.650 ±0.1
Pin 1
∅ 0.300
0.450
no solder stop inside this area
Via GND
min. ∅ 1.00
Solder stop
∅ 1.40
Hole
∅ 0.50 - 0.60
0.200
Figure 6: Mechanical dimensions
Figure 7: Layout recommendation
Recommendations for a strong ground connection and for reliable soldering of solder balls:
■ Use a pad layout similar to Figure 7. Notice, all tracks should go underneath the solder mask areas.
■ To keep the noise floor low in the sensitive receiver path of the chip, a low ohmic and low inductive connection to the supply ground is
needed. Figure 7 suggests a recommended grounding of the chip (if a ground plane is not feasible):
Feed all grounds into a central via-hole with a drill diameter 0.5 - 0.60mm.
■ No additional connects to any pins inside of the opening of the solder mask.
■ The open via underneath the chip must be covered with a solder-stop lid, to prevent ascending solder during the soldering process.
■ Refer also to our application note AN04 and AN08 Assembly of Wafer Level Chip Scale (WL-CSP) Packages.
Design precautions
The sensitivity of the sensor area is very high in order to achieve a long operational range of the range-finder. Thus, the epc600 device is
very sensitive to EMI. Special care should be taken to keep the chip away from the IR LED signal tracks and other sources which may in -
duce unwanted signals.
ESD protection
Highly sensitive CMOS mixed signal devices are sensible to electrostatic discharge (ESD). Figure 8 shows the principle how each pin of
the chip is protected against ESD over-voltages by the corresponding safety elements.
GNDA
GNDLED
GNDPLL
GND
LED
NC3
LEDF
XTAL1
XTAL2
VDDCORE
SDATA
SCLK
HLLED/NC2
NC1
GNDM
VDDT
epc600
Figure 8: ESD protection of the pins
© 2014 ESPROS Photonics Corporation
Characteristics subject to change without notice
7 / 30
Datasheet epc600 - V1.3
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com