Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC660 Datasheet(PDF) 7 Page - Espros Photonics corp

Part # EPC660
Description  3D TOF Imager 320 x 240 Pixel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC660 Datasheet(HTML) 7 Page - Espros Photonics corp

Back Button EPC660 Datasheet HTML 3Page - Espros Photonics corp EPC660 Datasheet HTML 4Page - Espros Photonics corp EPC660 Datasheet HTML 5Page - Espros Photonics corp EPC660 Datasheet HTML 6Page - Espros Photonics corp EPC660 Datasheet HTML 7Page - Espros Photonics corp EPC660 Datasheet HTML 8Page - Espros Photonics corp EPC660 Datasheet HTML 9Page - Espros Photonics corp EPC660 Datasheet HTML 10Page - Espros Photonics corp EPC660 Datasheet HTML 11Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6
VOH/OL and IOH/OL values are measured at max CIO and max fIO.
7
Value is without termination resistors
8
A bright illuminated white target right in front of the chip with lens leads to an IVBS of approx. 3.8 mA. At room temperature, IVBS is approx.
3.6 mA without any illumination. IVBS with strong illumination (approx. 55 mW/cm2, no lens) typ. 17 mA.
1.2. Absolute maximum ratings
Parameter
Conditions
Supply voltage VDD, VDDPLL
-0.5V ... +2.0V
Supply voltage VDDIO, VDDA, VDDPXM, VIR, VDDLED
-0.5V ... +5.5V
Supply voltage VDDPXH
-0.5V ... +13.5V
Supply voltage VBS
-12.0 ... +0.5V
Voltage to any pin in the same VSC supply class.
For Supply Classes refer to Table 1: Operating conditions and electrical characteristics.
For Supply Classes vs. pin correspondence refer Table 8: Pin list.
VSC min - 0.3V … VSC max + 0.3V
ESD rating
Note: This is a highly sensitive CMOS mixed signal device. Handling and assembly of this de-
vice should only be done at ESD protected workstations.
JEDEC HBM class 1C (1kV to < 2kV)
Storage temperature range (TS)
-40°C to +85°C
Relative humidity
0 ... 95%, non-condensing
Table 2: Absolute maximum ratings
1.3. Temperature sensor characteristics
Typ. operational ratings, unless otherwise stated
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
TTEMP
Measurement range
-40
+85
ºC
PTEMP
Sensor resolution
14
bit
k
Temperature sensor gain
0.067
ºK/LSB
Table 3: Temperature sensor characteristics
1.4. Timing parameters
Typ. operational ratings, TA = +25ºC, unless otherwise stated
Parameter Description
Conditions
Min.
Typ.
Max.
Units
tSTARTUP
Start-up time
after applying external supplies
340
1'000
µs
tRESET
RESET
100
ns
tPLLStrap_scan
4x osc_clk
tPLL
PLL lock time
30
µs
tEEPROM_to_CFG Load CFG registers
Copy EEPROM to CFG registers
340
µs
fXTAL
Clock frequency
of the crystal oscillator (or ceramic resonator)
---
4
---
MHz
dfXTAL
Clock frequency deviation
any deviation is added as a linear distance error
±100
ppm
fJITTER
Clock frequency phase jitter
peak-to-peak, cycle to cycle
50
ps
fLED
LED modulation frequency
0.625
40
MHz
fMODCLK
Ext. modulation clock
Refer to chapter 7.10.
80
MHz
tLED_rise/fall
Required rise/fall time
of the illumination LED/LD
12
ns
fDCLK
TCMI pixel rate
12 bit pixel data + saturation flag
40
80
MPixel/s
fTCMI_data
TCMI data rate
520
1'040
Mbit/s
fSCL
I2C data rate
1
Mbit/s
Table 4: Timing parameters
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
7 / 116
Datasheet_epc660-V1.09
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com