Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC660 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC660
Description  3D TOF Imager 320 x 240 Pixel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC660 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC660 Datasheet HTML 8Page - Espros Photonics corp EPC660 Datasheet HTML 9Page - Espros Photonics corp EPC660 Datasheet HTML 10Page - Espros Photonics corp EPC660 Datasheet HTML 11Page - Espros Photonics corp EPC660 Datasheet HTML 12Page - Espros Photonics corp EPC660 Datasheet HTML 13Page - Espros Photonics corp EPC660 Datasheet HTML 14Page - Espros Photonics corp EPC660 Datasheet HTML 15Page - Espros Photonics corp EPC660 Datasheet HTML 16Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Pin
No.
Pin name
Supply class
VSC
Pin type
Rst func
Rst level
Description
30 VSEAL
VSEAL
PWR
Sealring supply
41 VSSA1
VDDA
GND
Analog ground VSSA
45 VSSA2
VDDA
GND
Analog ground VSSA
40 VSSPX1
VDDPX
GND
Pixel analog ground VSSPX
46 VSSPX2
VDDPX
GND
Pixel analog ground VSSPX
50 VSSLED
VDDLED
GND
LED/LD driver ground (return current) 2
Table 8 cont.: Pin list
Notes:
1
DIO pin is configured as input with internal pull-down resistor enabled during RESET = 0 (active), only. As soon as RESET is driven to 1,
pins stay in that state for another 4x osc_clk periods (see chapter 5.3.3., Strap pins), then the pin is configured as output, finally the in-
ternal pull-down resistor is disabled. From this moment on, the pin can be used for normal output function.
2
VSSLED is the dedicated, isolated GND pin for the LED/LD return-current from external circuitry. It must be connected to PCB GND
plane together with the other VSSA GND pins.
3
LED output can be used to drive an external amplifier with an addition of a pull-up resistor. The voltages at LED output and LEDFB input
pins must not exceed values in Table 1: Operating conditions and electrical characteristics.
LED2 output is a push-pull driver for delivering symmetric rise/fall times to the external LED driver circuit. LED2 is internally connected to
VDDIO/VSSIO supplies. During integration time, all TCMI pins are silent except for DCLK. As a result, LED2 pin will not pick up switch -
ing noise from all other TCMI pins but the layout has to take care of the DCLK line.
When the TCMI interface is slowed down by setting DCLK <= 5MHz, data-out phase of the last two rows may overlap with the next
frame's integration time as another noise source for very short integration times (<100 µs). This can be avoided by
SEQ_Control.pixel_seq_wait_row_done_en = 1 (default) with a small reduction on the frame rate.
LED and LED2 must not be used simultaneously for driving LED circuits on the PCB. They exhibit different insertion delays and may
cause unpredicted distance offset/measurement results.
4
RESET pin has a 600kΩ (typical) internal pull-down resistor. Therefore, this pin can be safely connected to a standard GPIO of a CPU
which is initially high-Z or open-drain during power up sequence. Once the SW takes control, it can program this GPIO as output and
drive 1 to release the RESET. The internal pull-down can be override by and external 10kΩ pull-up and a series capacitor to build a sim-
ple delayed power-on reset for evaluation/qualification purposes.
5
I2C pins SCL, SDA are according to I2C standards. They are I2C slave pins which need external pull-up resistors on the PCB. Values of
R1 and R2 in the schematics are given only for indicative purposes and must be re-calculated according to the total capacitive load of all
I2C slave/master devices and operating mode (FM or FM+) of the I2C (chapter 5.4.) in the application.
'Pin type' in Table 8 defines the following:
■ DI: Digital Input
■ DO: Digital Output
■ DIO: Digital Input/Output (bidirectional)
■ DIOD: Digital Input/Output (bidirectional), open-Drain
■ AI: Analog Input
■ AO: Analog Output
■ AOD: Analog Output, open-Drain
■ PWR: Supply
■ GND: Ground
'Rst. Func.' in Table 8 defines the function of IO pins during reset:
■ I: Input
■ PU: internal Pull-Up
■ PD: internal Pull-Down
■ IPD: Input with internal Pull-Down
'Rst. Level' in Table 8 defines the level of the IO pins during/after
reset (chapter 5.3.)
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
13 / 116
Datasheet_epc660-V1.09
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com