Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC660 Datasheet(PDF) 11 Page - Espros Photonics corp

Part # EPC660
Description  3D TOF Imager 320 x 240 Pixel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC660 Datasheet(HTML) 11 Page - Espros Photonics corp

Back Button EPC660 Datasheet HTML 7Page - Espros Photonics corp EPC660 Datasheet HTML 8Page - Espros Photonics corp EPC660 Datasheet HTML 9Page - Espros Photonics corp EPC660 Datasheet HTML 10Page - Espros Photonics corp EPC660 Datasheet HTML 11Page - Espros Photonics corp EPC660 Datasheet HTML 12Page - Espros Photonics corp EPC660 Datasheet HTML 13Page - Espros Photonics corp EPC660 Datasheet HTML 14Page - Espros Photonics corp EPC660 Datasheet HTML 15Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2.2. Pin list
Pin
No.
Pin name
Supply class
VSC
Pin type
Rst func
Rst level
Description
IO pins
2
DATA0
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-0 (LSB) /
Strap 0: reserved
3
DATA1
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-1 /
Strap 1: reserved
6
DATA2
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-2 /
Strap 2: reserved
7
DATA3
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-3 /
Strap 3: reserved
10 DATA4
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-4 /
Strap 4: reserved
11 DATA5
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-5 /
Strap 5: reserved
14 DATA6
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-6 /
Strap 6: reserved
15 DATA7
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-7 /
Strap 7: reserved
16 DATA8
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-8 /
Strap 8: reserved
17 DATA9
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-9 /
Strap 9: reserved
20 DATA10
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-10 /
Strap 10: reserved
21 DATA11
VDDIO
DIO
IPD 1
VOL
TCMI high-speed output bit-11 (MSB) /
Strap 11: reserved
65 DCLK
VDDIO
DIO
IPD 1
VOL
TCMI Data Clock output /
Strap 12: reserved
63 VSYNC_A0
VDDIO
DIO
IPD 1
VOH
TCMI Vsync output /
Strap 13: I2C device address bit A0
64 HSYNC_A1
VDDIO
DIO
IPD 1
VOH
TCMI Hsync output /
Strap 14: I2C device address bit A1
1
XSYNC_SAT_CFG
VDDIO
DIO
IPD 1
VOH
TCMI Xsync output /
TCMI Saturation flag output /
Strap 15: reserved
26 SCL
VDDIO
DIOD
I
VIH
I2C clock input 5
27 SDA
VDDIO
DIOD
I
VIH
I2C data input/output 5
56 SHUTTER
VDDIO
DI
PD
VIL
Shutter release input
55 RESET
VDDIO
DI
PD
VIL
Reset input (active low), 600kΩ int. pull-down 4
68 MODCLK
VDDIO
DI
PD
Modulator/demodulator external clock input.
If not used, connection to a test pad suggested.
54 LED2
VDDIO
DO
LED driver push-pull output 3
22 TDO
VDDIO
DO
VOL
JTAG test data output. Do not any electrical con-
nection except to a test pad (suggested).
23 TDI
VDDIO
DI
PU
VIH
JTAG test data input. Do not any electrical con-
nection except to a test pad (suggested).
24 TCK
VDDIO
DI
PD
VIL
JTAG test clock input. Do not any electrical con-
nection except to a test pad (suggested).
25 TMS
VDDIO
DI
PU
VIH
JTAG test mode select input. Do not any electri-
cal connection except to a test pad (suggested).
Digital pins
59 XTALIN_CLKIN
VDDPLL
AI
OSC input from external XTAL or Resonator /
CLKIN from external clock source
60 XTALOUT
VDDPLL
AO
OSC output (buffered) to ext. XTAL or Resonator
Table 8: Pin list
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
11 / 116
Datasheet_epc660-V1.09
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com