Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC660 Datasheet(PDF) 1 Page - Espros Photonics corp

Part # EPC660
Description  3D TOF Imager 320 x 240 Pixel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC660 Datasheet(HTML) 1 Page - Espros Photonics corp

  EPC660 Datasheet HTML 1Page - Espros Photonics corp EPC660 Datasheet HTML 2Page - Espros Photonics corp EPC660 Datasheet HTML 3Page - Espros Photonics corp EPC660 Datasheet HTML 4Page - Espros Photonics corp EPC660 Datasheet HTML 5Page - Espros Photonics corp EPC660 Datasheet HTML 6Page - Espros Photonics corp EPC660 Datasheet HTML 7Page - Espros Photonics corp EPC660 Datasheet HTML 8Page - Espros Photonics corp EPC660 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET – epc660
3D TOF Imager 320 x 240 Pixel
General Description
The epc660 is a fully integrated 3D-TOF imager with a resolution of
320 x 240 pixels (QVGA). It is a highly integrated system-on-chip
camera system. Apart from the actual CCD pixel-field, it includes
the complete control logic to operate the device. Data communica-
tion is done through a high-speed digital 12-bit parallel video inter-
face.
Even for mobile devices, only a few additional components are
needed to integrate 3D camera capability. Depending on the sys-
tem design, a resolution in the millimeter range for measurements
up to 100 meters is feasible. 65 full frame TOF images are deliv-
ered in maximal configuration. By using the advanced operation
modes, this can be boosted up to more than 1000 TOF images per
second! The high degree of integration lays base for straight-for-
ward camera system design with minimal part count. The extreme-
ly high sensitivity of the optical front end allows for a reduced illumi-
nation subsystem and reduces the power consumption of the over-
all system significantly.
An evaluation kit with hard- and software examples and a compre-
hensive manual helps the system designer to speed up system in-
tegration.
Applications
■ People detection and counting
■ Mobile postal parcel size measurement
■ Machine safety
■ Helicopter near terrain flight assistance
■ Car collision avoidance systems
■ Pedestrian detection and breaking systems
■ Man-Machine interface
■ Gesture control
■ Body size measurement
■ General volumetric mapping
Block Diagram
Memory
Controller
&
Registers
Phase
Detector
m+n
Clock Delay
Pixel
Cont.
&
Seq.
Memory
I2C Slave
TCMI
320x240
Pixel Field
SCL
SDA
VDD
VDDIO
XTALOUT
XTALIN_CLKIN
PLL
CGU
ADC Read-Out
ROW Buffer
Charge
Pump
13V
EEPROM
LED Driver
LED (open-drain)
Modulator
LEDFB
De-
modulator
DATA[11:1]
DATA0_FS
DCLK
VBS
4x Temp.
Sensors
at corners
VSSLED
VSYNC_PSDIAG_A0
VSSIO
VSS
ADC Read-Out
ROW Buffer
VDDPXH
epc660
OSC
VDDPXM
VDDA
VSSA
SHUTTER
JTAG
HSYNC_A1
VIR
VFSAB
VSSPX
XSYNC_SAT_CFG
RGU
DLL
0
1
VSEAL
LED2 (push-pull)
Figure 1: Functional Block Diagram
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
1 / 116
Datasheet_epc660-V1.09
www.espros.com


Similar Part No. - EPC660

ManufacturerPart #DatasheetDescription
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
Time-of-flight range-finder chip
EPC610 EPC-EPC610 Datasheet
830Kb / 34P
8x8 pixel 3D TOF imager
EPC635 EPC-EPC635 Datasheet
1Mb / 97P
3D TOF Imager 160 x 60 Pixel
More results

Similar Description - EPC660

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HE326XX11 HYES-HE326XX11 Datasheet
176Kb / 1P
320 X 240 Dots
HE326XX12 HYES-HE326XX12 Datasheet
184Kb / 1P
320 X 240 Dots
HE326XX51 HYES-HE326XX51 Datasheet
177Kb / 1P
320 X 240 Dots
logo
Hantronix,Inc
HDG320240 HANTRONIX-HDG320240_15 Datasheet
35Kb / 1P
320 X 240 Dots Graphics
logo
Espros Photonics corp
EPC610 EPC-EPC610 Datasheet
830Kb / 34P
8x8 pixel 3D TOF imager
EPC635 EPC-EPC635 Datasheet
1Mb / 97P
3D TOF Imager 160 x 60 Pixel
logo
Vishay Siliconix
LCD-320H240B VISHAY-LCD-320H240B Datasheet
105Kb / 3P
320 x 240 Graphic LCD
23-Jun-17
LCD-320H240C VISHAY-LCD-320H240C Datasheet
130Kb / 3P
320 x 240 Graphic LCD
20-Apr-09
LCD-320H240C VISHAY-LCD-320H240C_V01 Datasheet
133Kb / 3P
320 x 240 Graphic LCD
20-Apr-09
LCD-320H240A VISHAY-LCD-320H240A_V02 Datasheet
71Kb / 3P
320 x 240 Graphic LCD
23-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com