Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC660 Datasheet(PDF) 12 Page - Espros Photonics corp

Part # EPC660
Description  3D TOF Imager 320 x 240 Pixel
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC660 Datasheet(HTML) 12 Page - Espros Photonics corp

Back Button EPC660 Datasheet HTML 8Page - Espros Photonics corp EPC660 Datasheet HTML 9Page - Espros Photonics corp EPC660 Datasheet HTML 10Page - Espros Photonics corp EPC660 Datasheet HTML 11Page - Espros Photonics corp EPC660 Datasheet HTML 12Page - Espros Photonics corp EPC660 Datasheet HTML 13Page - Espros Photonics corp EPC660 Datasheet HTML 14Page - Espros Photonics corp EPC660 Datasheet HTML 15Page - Espros Photonics corp EPC660 Datasheet HTML 16Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Pin
No.
Pin name
Supply class
VSC
Pin type
Rst func
Rst level
Description
Analog pins
51 LED
VDDLED
AOD
VLED max
LED/LD driver open-drain output 3
49 LEDFB
VDDLED
AI
VLEDFB max
LED/LD driver feedback input 3
52 PIN52
---
---
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
53 PIN53
---
---
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
31 PIN31
VDDPXH
AI
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
32 PIN32
VDDPXH
AI
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
33 PIN33
---
---
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
34 PIN34
---
---
Reserved. Do not any electrical connection ex-
cept to a test pad (suggested).
35 VFSAB
VDDPXH
---
Reserved. Connect to VSSPX with 10 kOhm
36 PIN36
VDDPXH
AI
Reserved. Connect to VSSPX with 10 kOhm.
Supply pins, digital
5
VDDIO1
VDDIO
PWR
IO supply VDDIO
13 VDDIO2
VDDIO
PWR
IO supply VDDIO
18 VDDIO3
VDDIO
PWR
IO supply VDDIO
66 VDDIO4
VDDIO
PWR
IO supply VDDIO
9
VDD1
VDD
PWR
Digital supply VDD
28 VDD2
VDD
PWR
Digital supply VDD
58 VDD3
VDD
PWR
Digital supply VDD
62 VDDPLL
VDDPLL
PWR
PLL supply
4
VSSIO1
VDDIO
GND
IO ground VSSIO
12 VSSIO2
VDDIO
GND
IO ground VSSIO
19 VSSIO3
VDDIO
GND
IO ground VSSIO
67 VSSIO4
VDDIO
GND
IO ground VSSIO
8
VSS1
VDD
GND
Digital ground VSS
29 VSS2
VDD
GND
Digital ground VSS
57 VSS3
VDD
GND
Digital ground VSS
61 VSSPLL
VDDPLL
GND
PLL ground
Supply pins, analog
42 VDDA1
VDDA
PWR
Analog supply VDDA
44 VDDA2
VDDA
PWR
Analog supply VDDA
43 VIR
VIR
PWR
Isolation supply
37 VBS
VBS
PWR
Bias supply
39 VDDPXH1
VDDPXH
PWR
Pixel analog 2 supply VDDPXH
47 VDDPXH2
VDDPXH
PWR
Pixel analog 2 supply VDDPXH
38 VDDPXM1
VDDPXM
PWR
Pixel analog 1 supply VDDPXM
48 VDDPXM2
VDDPXM
PWR
Pixel analog 1 supply VDDPXM
Table 8 cont.: Pin list
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
12 / 116
Datasheet_epc660-V1.09
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com