Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL813 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GL813
Description  USB 2.0 CompactFlash Card Reader Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL813 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GL813 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
GL813 - USB2.0 CompactFlash Card Reader Controller
©2001-2002 Genesys Logic Inc.—All rights reserved.
Page 21 of 24
Symbol
Description
Min
Typ
Max
Unit
Tr50pf
Output pad rise time from 10% to 90%
swing with 50pF loading
ns
Tf50pf
Output pad fall time from 10% to 90% swing
with 50pF loading
ns
TrUSB
D+/D- rise time with 50pF loading
4
20
ns
TfUSB
D+/D- fall time with 50pF loading
4
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com