Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL813 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GL813
Description  USB 2.0 CompactFlash Card Reader Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL813 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GL813 Datasheet HTML 1Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
GL813 - USB2.0 CompactFlash Card Reader Controller
©2001-2002 Genesys Logic Inc.—All rights reserved.
Page 4 of 24
2. Features
Complies with Universal Serial Bus specification rev. 2.0.
Complies with Compact Flash specification rev. 1.4.
Complies with USB Storage Class specification ver.1.0. (Bulk only protocol)
Operating system supported: Win XP/ 2000/ ME/ 98/ 98SE; Mac OS 9.X/ X.
Supports 4 endpoints: Control/ Bulk Read/ Bulk Write/ Interrupt.
64/ 512 bytes Data Payload for full / high speed Bulk Endpoint.
Supports 8-bit / 16-bit Standard PIO mode interface.
Embedded USB 2.0 UTMI transceiver.
Embedded 7.5 MIPS RISC CPU.
Supports external ROM/ Flash modes for design flexibility. (100-pin LQFP)
Supports Power Down mode and USB suspend indicator.
Supports USB 2.0 TEST mode features.
12MHz external clock to provide better EMI3.3V power input.
5V tolerance pad for Compact Flash Card interface.
Supports EEPROM to customize USB VID / PID and String Descriptors.
Available in 48-pin (9mmX9mm) / 100-pin (14mmX14mm) LQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com