Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL813 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL813
Description  USB 2.0 CompactFlash Card Reader Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL813 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL813 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
GL813 - USB2.0 CompactFlash Card Reader Controller
©2001-2002 Genesys Logic Inc.—All rights reserved.
Page 8 of 24
Pin #
Name
I/O
Pad Type
Description
14
DA2 / SK
O
Tri-state
IDE address 2 / SK to EEPROM
15
RESET#
I
Pull-high
HW reset
16
RPU
A
U20mia
3.3v output
17
AVCC0
P
Power
Analog VCC
18
DPF
B
U20mia
Full speed DP
19
DPH
B
U20mia
High speed DP
20
DMF
B
U20mia
Full speed DM
21
DMH
B
U20mia
High speed DM
22
AGND0
P
Power
Analog ground
23
RREF
U20mia
Reference resister connect (*)
24
AVCC1
P
Power
Analog VCC
25
X2
B
Clock
Crystal output
26
X1
I
Clock
Crystal input, 12Mhz
27
AGND1
P
Power
Analog ground
28
CFDET
I
Tri-state
Compact flash card detect
29
TEST
I
Pull-low
TEST mode input
30
CS0_
O
Tri-state
IDE Chip select 0
31
DA0
O
Tri-state
IDE address 0
32
DA1 / DI
O
Tri-state
IDE address 1 / DI to EEPROM
33
INTRQ
I
Tri-state
IDE Interrupt request
34
IORDY
I
Tri-state
IDE IO ready
35
DIOR_
O
Tri-state
IDE read signal
36
DIOW_
O
Tri-state
IDE write signal
37~40
IODD [0:3]
B
Tri-state
IDE data bus 0~3
41
DGND2
P
Power
Digital ground
42
DVCC2
P
Power
Digital VCC
43~46
IODD [4:7]
B
Tri-state
IDE data bus 4~7
47
CS
O
Tri-state
CS to EEPROM
48
CFRST
B
Tri-state
Compact Flash Card HW reset
(*) RREF must be connected with a 510 ohm resister to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com