Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL813 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GL813
Description  USB 2.0 CompactFlash Card Reader Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL813 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL813 Datasheet HTML 2Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 3Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 4Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 5Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 6Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 7Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 8Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
GL813 - USB2.0 CompactFlash Card Reader Controller
©2001-2002 Genesys Logic Inc.—All rights reserved.
Page 6 of 24
3.2 Functional Overview
3.2.1 USB 2.0 TXCVR
The USB 2.0 Transceiver is the analog circuitry to handle the USB HS/FS
signaling.
3.2.2 UTMI Logic
The UTMI Logic is compliant to Intel’s UTMI specification 1.01. This block handles
the low level USB protocol and signaling. The major jobs of UTMI Logic is data and
clock recovery, NRZI encoding/decoding, Bit Stuffing/De-stuffing, USB2.0 test
modes supporting and serial / parallel conversion.
3.2.3 PLL
40XPLL block will provide 480MHz for USB HS data transmission.
3.2.4 CLKGEN
CLKGEN is the clock generator block for the logic blocks. It generates 15MHz
clock for micro controller, 12MHz for PIO mode, and 30MHz clock for UTMI, SIE,
and FIFO.
3.2.5 CPU
The CPU is the control center of GL813. It’s an 8-bit micro controller operating in
15MHz, 7.5 MIPS. After receiving a USB command, it decodes the host command,
then it re-assigns tasks to the CompactFlash controller engine, GPIO, FIFO, and
response proper data/ status to USB host.
3.2.6 CompactFlash Controller Engine
The CompactFlash controller engine is extended from standard ATA/ ATAPI
protocol. It supports PIO mode data transfers.
3.2.7 FIFOs
Control FIFO is used as Control Read / Write FIFO. TXFIFO0 / TXFIFO1 are two
sets of 512-byte ping-pong FIFO for Bulk Read endpoint. It buffers data from
CompactFlash controller engine, and re-direct to USB SIE logic. RXFIFO0 /
RXFIFO1 are two sets of 512-byte ping-pong FIFO for Bulk Write endpoint. It
buffers data from USB SIE logic, and re-direct to CompactFlash controller engine.
3.2.8 Control Registers
Control Register configures GL813 to proper operation. For example, CPU can set
register to generate wakeup event, enter suspend, transmits proper USB packet to
host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com