Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL813 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # GL813
Description  USB 2.0 CompactFlash Card Reader Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL813 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button GL813 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL813 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
GL813 - USB2.0 CompactFlash Card Reader Controller
©2001-2002 Genesys Logic Inc.—All rights reserved.
Page 20 of 24
Symbol
Description
Min
Typ
Max
Unit
VHYS
Hysteresis voltage
-
0
-
V
VOL
LOW level output voltage when IOL=8mA
0.4
V
VOH
HIGH level output voltage when IOH=8mA
2.4
V
IOLK
Leakage current for pads with internal pull
up or pull down resistor
46
µA
RDN
Pad internal pull down resister
79K
105K
152K
Ohms
RUP
Pad internal pull up resister
78K
104K
146K
Ohms
6.4 DC Characteristics (D+/D-)
Symbol
Description
Min
Typ
Max
Unit
VOL
D+/D- static output LOW (RL of 1.5K to 3.6V )
0.3
V
VOH
D+/D- static output HIGH (RL of 15K to GND )
2.8
3.6
V
VDI
Differential input sensitivity
0.2
V
VCM
Differential common mode range
0.8
2.5
V
VSE
Single-ended receiver threshold
0.2
V
CIN
Transceiver capacitance
20
pF
ILO
Hi-Z state data line leakage
-10
+10
µA
ZDRV
Driver output resistance
28
43
Ohms
6.5 Switching Characteristics
Symbol
Description
Min
Typ
Max
Unit
FX1
X1 crystal frequency
11.97
12
12.03
MHz
TCYC
X1 cycle time
83.3
ns
TX1L
X1 clock LOW time
0.45Tcyc
ns
TX1H
X1 clock HIGH time
0.45Tcyc
ns
Tr30pf
Output pad rise time from 10% to 90%
swing with 30pF loading
ns
Tf30pf
Output pad fall time from 10% to 90% swing
with 30pF loading
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com