Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS1708N
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS1708N Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ICS1708
Charge Termination Methods
Charge termination methods include voltage slope and fast charge time out.
Voltage Slope Termination
The most distinctive point on the voltage curve of a battery in response to charging by a constant amplitude current is the voltage peak that
occurs as the battery approaches full charge. By mathematically calculating the first derivative of the voltage, a second curve can be
generated showing the change in voltage with respect to time as shown in Figure 6. The slope will reach a maximum just before peak
voltage. Using milestone voltage slope data as charging progresses, the ICS1708 determines when the point of full charge will occur and
accurately terminates the applied current when the battery reaches that point. The actual termination point is based on the actual charging
characteristics of the particular battery. Typically, fast charge ends around peak voltage.
Figure 6: Voltage and slope curves showing inflection and zero slope points
New, over-discharged, old, and already full batteries often produce a voltage profile that varies from that shown in Figure 6. The ICS1708
fast charge termination in these cases is based on a slight decrease in the voltage. Some new batteries may need several charge/use cycles
before their response fully stabilizes to that shown in Figure 6.
Charge Timer Termination
The controller uses a timer to limit fast charge duration. These times are internally set according to the charge rate selected and can be
adjusted slightly by changing the clock frequency. Fast charge timer termination is a safety backup feature to limit the duration of the fast
charge stage. The fast charge timer is always active and cannot be disabled. See Table 3 Charge Rate List.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com