Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS1708N
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS1708N Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ICS1708
Pin Configuration
8-Pin DIP or SOIC
Pin Definitions
Pin
Name
Type
Definition
1
CHG
OUT
Active high (PFET), active low (NFET) 25mA max. TTL compatible signal used to turn on and off an external current source to
provide pulsed current to charge the battery.
2
CMN
OUT
Charge mode indicator. NFET drain rated at 40mA max. turns on an external indicator to show the controller is applying either a
SoftStart charge or fast charge.
3
MMN
OUT
Maintenance mode indicator. NFET drain rated at 40mA max. turns on an external indicator showing the battery is ready to use as the
topping charge or maintenance charge is applied.
4
VSS
Ground.
5
RC
IN
An external resistor and capacitor sets the frequency of the internal clock.
6
OPREF
IN
Open circuit (no battery) voltage reference. A pull down or external resistor divider from 5V sets a voltage reference on this pin used
to detect the presence of a battery.
7
VIN
IN
Battery voltage normalized to one cell with an external resistor divider.
8
VDD
Device supply =+5.0 VDC +/- 5% regulated. The ICS1708 requires 11mA max. average that includes brief 50mA peak currents.
When used, LEDs, pull-up resistors, and drivers require additional current from the +5VDC supply. An electrolytic and ceramic
capacitor between (or very close to) both VDD and VSS is recommended for bypassing.
Note:
Pin 6 has an internal pull-up.
Input and output pins have internal ESD protection diodes to VDD and VSS for 2KV protection per MIL STD 883 method 3015.7.
Controller Operation
Charging Stages
The charging sequence consists of four stages. The application of current is shown graphically in Figure 1. The
SoftStart stage gradually
increases current levels up to the user selected fast charge rate during the first two minutes. The
SoftStart stage is followed by the fast
charge stage, which continues until termination. After fast charge termination, a reduced duty cycle topping charge is applied, followed by
a further reduced cycle maintenance charge. After fast charge termination, the battery is charged and ready to use.
Figure 1: Graphical representation of average current levels during the four charging stages
(
S tage 3
S tage 4
S tage 2
S tage 1
0
2 m in
term ination
term ination +
C urrent
not to scale)
A verage
Tim e (not to scale)
Fast Charge
Topping Charge
2.5 to 20%
Maintenance Charge
0.6 to 5%
97%
18%
ICS1708
CHG
VDD
1
2
3
4
5
6
7
8
MMN
CMN
VIN
OPREF
RC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com