Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS1708N
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS1708N Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ICS1708
QuickSaver® Charge Control IC for Nickel-Cadmium
and Nickel-Metal Hydride Batteries
General Description
The ICS1708 is a low cost 8 pin CMOS control IC for the intelligent charging of either nickel-cadmium (NiCd) or nickel-metal hydride
(NiMH) batteries. The ICS1708 uses a pulsed-current charging technique together with multiple voltage slope termination methods. The
ICS1708 employs a four stage charge sequence that provides a complete recharge without overcharging. The controller has three (3) user
selectable charge rates, user accessible clock, and two (2) charge status output pins. On power-up, the ICS1708 monitors for the presence of
a battery and begins charging. The ICS1708 is for applications where battery temperature protection is not required of the charge controller.
Applications
Embedded and charger stands for: Portable consumer products, Power tools, Audio/video products, Communications products, RC toys,
and Wireless products
Features
•
Charge termination methods include: Voltage slope (+
∆V/dt and +/- peak detect), and Fast charge time out to maintenance mode
•
Four stage charge sequence:
SoftStart conditioning, Fast charge, Topping charge, and Maintenance charge
•
Three (3) user selectable charge rates: 15 minutes (4C), 60 minutes (1C), 150 minutes (C/2.5)
•
Continuous polling mode for battery detection
•
Adjustable open circuit (no battery) voltage reference
Benefits -compared to other methods
•
Peak battery performance and extended cycle life
•
Improved battery efficiency and reliability
•
Lower internal resistance build-up
•
Lower capacity fade
Block Diagram
CURRENT
SOURCE
BATTERY
VOLTAGE
SENSE
OPEN CIRCUIT
REFERENCE
VOLTAGE
PROCESSOR
MICROCODE CONTROL
ADC
RAM
ROM
OUTPUT
CONTROL
0.5V
FAST
CHARGE
CHARGE
COMPLETE
RC (CLOCK)
OSCILLATOR


Similar Part No. - ICS1708N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AM ETC-ICS1700AM Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AMT ETC-ICS1700AMT Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AN ETC-ICS1700AN Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700AS ETC-ICS1700AS Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
More results

Similar Description - ICS1708N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Battery Group
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com