Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708N Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ICS1708N
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708N Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ICS1708N Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ICS1708
The 1C (60 minute rate) is selected by using a 10K pull-up resistor from CMN pin 3 to VDD pin 8 (+5V REG.) as shown in
Figure 9A "Charging System Diagram". The 10K pull-up resistor is required even if an LED with a current limited pull-up to
VDD pin 8 (+5V reg.) is used. The C/2.5 (150 minute) rate is selected using the 330/1.3K resistor divider with a general
purpose LED as shown in Figure 9B. Based on the LED selection, this configuration should provide the 2.5V +/- 0.5V on
CMN pin 3 prior to the start of fast charge to activate the C/2.5 (150 minute) rate as shown in Figure 9B. Setting the 4C (15
minute) rate involves setting the voltage at CMN pin 3 below 0.5V prior to the start of fast charge as shown in Figure 9C. A
10K pull-up resistor, a 2K pull-down resistor and a 1N4148 or equivalent diode is used to keep CMN below 0.5V at power up
or upon battery removal. When CMN goes low to ground of its own accord, the base of a 2N3903 or equivalent NPN
transistor is pulled low via the 1N4148 diode allowing the LED indication for fast charge.
ICS1708
CONSTANT
CURRENT
SOURCE
PTC
or
TS
DC INPUT
.047uF
R3
R2
R1
100pF
15k
4.7uF
.047uF
+
IN
ON/OFF
OUT
1
2
3
4
5
6
7
8
CHG
MMN
CMN
VSS
VDD
VIN
OPREF
RC
+5V REG.
*10K
FIGURE 9A: Charging System Diagram for 1C (60 minute) Charge Rate
* SELECTS 1C
CHARGE RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com