Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708N Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICS1708N
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708N Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICS1708N Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1708N Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ICS1708
Battery Detection
If upon initial power-up, voltage at VIN pin 7 is less than 0.5V, the ICS1708 assumes no battery is present, and the polling detect mode is
initiated.
The ICS1708 enters the polling detect mode using CHG pin 1 and applies a 100ms charge pulse. During the first 4ms pulse, the ICS1708
monitors the VIN pin 7 to determine if voltage is above the voltage set on OPREF pin 6. If the battery is present, the voltage at VIN pin 7
will be held below the voltage set on OPREF pin 6 while the current pulse is applied. If a battery is not present, the voltage at VIN pin 7 will
rise above the voltage set on OPREF pin 6.
If the voltage at VIN pin 7 exceeds the voltage set on OPREF pin 6, the ICS1708 will wait for about one-half second after the 100ms charge
pulse ends before producing another 100ms charge pulse. The process repeats until the battery connects. When the battery connects, the
100ms polling pulse is extended for another 100ms and the pulse becomes the first
SoftStart conditioning pulse of 200ms. An over-
discharged or low voltage battery does not interfere with a prompt start of
SoftStart. The ICS1708 will automatically re-enter the polling
detect mode if the battery is removed.
Battery Removal
During the first 4ms of the application of a charge pulse, the voltage at the VIN pin 7 is compared to the voltage set at the OPREF pin 6. If
the voltage at VIN pin 7 is greater than the voltage set at OPREF pin 6 during the application of the current pulse, then the battery is
assumed to have been removed and the ICS1708 enters the polling detect mode. If the voltage at VIN pin 7 is held below the voltage set at
OPREF pin 6, charging continues.
When in the topping charge or maintenance charge stages, a charge pulse may not occur for several seconds or longer. So, during the period
between charge pulses, the voltage at VIN pin 7 is compared to the internal 0.5V reference. If the voltage at VIN pin 7 is less than 0.5V, the
ICS1708 assumes the battery has been removed, and the polling detect mode is initiated.
Pin Descriptions
In addition to a regulated +5V supply, the ICS1708 requires a few other external components to control the clock rate and provide an
indicator display. The ICS1708 is interfaced to turn on and off an external current source
Output Logic Signals: CHG pin1
The CHG pin 1 is active high/low, TTL compatible output. In addition to being TTL compatible, the CMOS output is capable of sourcing
and sinking up to 25mA which adds flexibility when interfacing to other circuitry. A logic high on CHG pin 1 indicates that the constant
current source is on. A logic low turns off the constant current source. Normal care must be taken to control wiring resistance and
inductance.
Charge Status Indicators: CMN pin 3, MMN pin 2
The controller has to two outputs for driving external indicators. These pins are active low. These two indicator outputs are open drains
when off. They can sink up to 40mA which allows for sinking LED current with use of external current limiting resistors. These two
indicator outputs denote charge status: fast charge or topping/maintenance charging as shown in Table 1.
Table 1: Indicator Description List
MMN
CMN
Description
On
Charge complete (battery ready to use) as maintenance or topping charge is applied
On
Fast charge (including SoftStart conditioning)
Flash
See applications information
On
At power-up or with battery insertion
The charge mode (CMN) indicator is low continuously during the
SoftStart and fast charge stages. When the controller enters the topping
charge stage, the output turns off and the indicator turns off. When the maintenance mode (MMN) indicator is on and as the battery is ready
to use, the ICS1708 applies the topping and maintenance charge.
The ICS1708 does not control the current flowing into the battery in any way other than turning it on and off. The required current for the
selected charge rate is provided by the system's input power source. The external charging circuitry provides current at the selected charge
rate. For example, to charge a 1.2 ampere hour battery in 60 minutes (1C), 1.2 amperes is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com