Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1797CS5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1797CS5
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797CS5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1797CS5 Datasheet HTML 4Page - Linear Technology LT1797CS5 Datasheet HTML 5Page - Linear Technology LT1797CS5 Datasheet HTML 6Page - Linear Technology LT1797CS5 Datasheet HTML 7Page - Linear Technology LT1797CS5 Datasheet HTML 8Page - Linear Technology LT1797CS5 Datasheet HTML 9Page - Linear Technology LT1797CS5 Datasheet HTML 10Page - Linear Technology LT1797CS5 Datasheet HTML 11Page - Linear Technology LT1797CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1797
Distortion
There are two main contributors to distortion in op amps:
output crossover distortion as the output transitions from
sourcing to sinking current and distortion caused by
nonlinear common mode rejection. If the op amp is
operating in the inverting mode, there is no common mode
induced distortion. If the op amp is operating in the PNP
input stage (input is not within 1.2V of V+), the CMRR is
APPLICATIO S I FOR ATIO
very good, typically 95dB. When the LT1797 switches
between input stages there is significant nonlinearity in the
CMRR. Lower load resistance increases the output cross-
over distortion, but has no effect on the input stage
transition distortion. For lowest distortion the LT1797
should be operated single supply, with the output always
sourcing current and with the input voltage swing between
ground and (V+ – 1.2V). See the Typical Performance
Characteristic curves.
Figure 1. Simplified Schematic
1797 F01
Q18
Q1
Q3 Q4
QB1
Q7
Q11
Q13
Q9
Q6
Q2
Q12
Q8
Q14
Q10
Q5
Q17
Q15
Q19
Q20
Q16
R1
R3
R4
R7
R8
R5
R6
R2
D1
D2
–IN
+IN
BIAS
I1
OUT
+1
+1
CM
C1
C2
I3
I2
I4
I5
I6
I7
1/2 SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com