Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1797CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1797CS5
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797CS5 Datasheet(HTML) 3 Page - Linear Technology

  LT1797CS5 Datasheet HTML 1Page - Linear Technology LT1797CS5 Datasheet HTML 2Page - Linear Technology LT1797CS5 Datasheet HTML 3Page - Linear Technology LT1797CS5 Datasheet HTML 4Page - Linear Technology LT1797CS5 Datasheet HTML 5Page - Linear Technology LT1797CS5 Datasheet HTML 6Page - Linear Technology LT1797CS5 Datasheet HTML 7Page - Linear Technology LT1797CS5 Datasheet HTML 8Page - Linear Technology LT1797CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1797
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12V, VCM = VO= 1V
q
80
90
dB
Minimum Supply Voltage
q
2.5
2.7
V
VOL
Output Voltage Swing LOW
No Load, Input Overdrive = 30mV
q
815
mV
ISINK = 5mA
q
80
160
mV
ISINK = 10mA
q
150
250
mV
VOH
Output Voltage Swing HIGH
No Load, Input Overdrive = 30mV
q
VS – 0.14 VS – 0.05
V
ISOURCE = 5mA
q
VS – 0.30 VS – 0.2
V
ISOURCE = 10mA
q
VS – 0.39 VS – 0.3
V
ISC
Short-Circuit Current
VS = 5V
25
45
mA
VS = 3V
15
25
mA
IS
Supply Current
1.1
1.5
mA
q
2.0
mA
GBW
Gain Bandwidth Product (Note 5)
f = 100kHz
6.0
10
MHz
0
°C ≤ TA ≤ 70°C
q
5.0
MHz
–40
°C ≤ TA ≤ 85°C
q
4.5
MHz
SR
Slew Rate (Note 5)
AV = –1
1.3
2.25
V/
µs
0
°C ≤ TA ≤ 70°C
q
1.1
V/
µs
–40
°C ≤ TA ≤ 85°C
q
1.0
V/
µs
tr
Output Rise Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tf
Output Fall Time
10% to 90%, 0.1V Step, RL = 10k
55
ns
tS
Settling Time
VS = 5V, ∆VOUT = 2V to 0.1%, AV = –1
1.6
µs
THD
Distortion
VS = 3V, VOUT = 1.8VP-P, AV = 1, RL = 10k, f = 1kHz
0.001
%
FPBW
Full-Power Bandwidth (Note 6)
VOUT = 2VP-P
360
kHz
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, pulse power tested, unless otherwise specified. (Note 3)
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = ±5V, VCM = 0V, VOUT = 0V, pulse power tested unless otherwise specified. (Note 3)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1
1.5
mV
0
°C ≤ TA ≤ 70°C
q
2.5
mV
–40
°C ≤ TA ≤ 85°C
q
3.0
mV
Input Offset Voltage Drift (Note 4)
q
520
µV/°C
IB
Input Bias Current
VCM = V –
q
–300
–150
nA
VCM = V +
q
50
100
nA
Input Bias Current Drift
q
0.1
nA/
°C
IOS
Input Offset Current
VCM = V –
q
10
25
nA
VCM = V +
q
10
25
nA
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 10kHz
20
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
0.23
pA/
√Hz
f = 10kHz, VCM = 4.7V
0.15
pA/
√Hz
RIN
Input Resistance
Differential
200
330
k
Ω
Common Mode, VCM = – 5V to 3.8V
100
M
Ω
CIN
Input Capacitance
4pF
Input Voltage Range
q
–5
5
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com