Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1797CS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1797CS5
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797CS5 Datasheet(HTML) 5 Page - Linear Technology

  LT1797CS5 Datasheet HTML 1Page - Linear Technology LT1797CS5 Datasheet HTML 2Page - Linear Technology LT1797CS5 Datasheet HTML 3Page - Linear Technology LT1797CS5 Datasheet HTML 4Page - Linear Technology LT1797CS5 Datasheet HTML 5Page - Linear Technology LT1797CS5 Datasheet HTML 6Page - Linear Technology LT1797CS5 Datasheet HTML 7Page - Linear Technology LT1797CS5 Datasheet HTML 8Page - Linear Technology LT1797CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1797
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
SINKING LOAD CURRENT (A)
0.01
0.1
1
µ
100
µ
1m
10m
1797 G05
0.001
10
µ
1
TA = 125°C
VS = ±2.5V
VOD = 30mV
TA = 25°C
TA = –55°C
Output Saturation Voltage
vs Input Overdrive
Output Short-Circuit Current
vs Temperature
0.1Hz to 10Hz Noise Voltage
Input Noise Voltage Density
vs Frequency
TEMPERATURE (
°C)
–50
40
45
50
25
75
1797 G07
35
30
–25
0
50
100
125
25
20
VS = ±2.5V
SOURCING CURRENT
SINKING CURRENT
TIME (SEC)
24
6
8
1797 G08
10
1
03
5
7
9
VS = ±5V
FREQUENCY (Hz)
20
40
60
80
100
10
1k
10k
100k
1797 G09
0
100
VS = ±2.5V
TYPICAL PERFOR A CE CHARACTERISTICS
SOURCING LOAD CURRENT (A)
1
µ
0.01
0.1
1
100
µ
10
µ
10m
1m
1797 G04
VS = ±2.5V
VOD = 30mV
TA = 25°C
TA = 125°C
TA = –55°C
INPUT OVERDRIVE (mV)
0
60
80
100
120
140
30
50
100
1797 G06
40
20
0
70
90
110
130
150
50
30
10
10 20
40
60 70 80 90
VS = ±2.5V
IOUT = 0
OUTPUT HIGH
OUTPUT LOW
Supply Current vs Supply Voltage
Minimum Supply Voltage
Input Bias Current
vs Common Mode Voltage
TOTAL SUPPLY VOLTAGE (V)
–300
–100
100
300
–200
0
200
1.0 1.5 2.0
3.0
4.0
1797 G02
5.0
0.5
0
2.5
3.5
4.5
TA = 125°C
TA = –55°C
TA = 25°C
COMMON MODE VOLTAGE (V)
–200
–100
0
100
–150
–50
50
1.0
2.0
3.0
4.0
1797 G03
5.0
0.5
0
1.5
2.5
3.5
4.5
VS = 5V, 0V
TA = 25°C
TA = 125°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
6789
1.8
1797 G01
0.4
12345
10 11 12
1.2
1.4
1.6
TA = 125°C
TA = 25°C
TA = –55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com