Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1797CS5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1797CS5
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797CS5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1797CS5 Datasheet HTML 3Page - Linear Technology LT1797CS5 Datasheet HTML 4Page - Linear Technology LT1797CS5 Datasheet HTML 5Page - Linear Technology LT1797CS5 Datasheet HTML 6Page - Linear Technology LT1797CS5 Datasheet HTML 7Page - Linear Technology LT1797CS5 Datasheet HTML 8Page - Linear Technology LT1797CS5 Datasheet HTML 9Page - Linear Technology LT1797CS5 Datasheet HTML 10Page - Linear Technology LT1797CS5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1797
TYPICAL PERFOR A CE CHARACTERISTICS
Undistorted Output Swing
vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
Total Harmonic Distortion + Noise
vs Load Resistance
Total Harmonic Distortion + Noise
vs Output Voltage Amplitude
Large-Signal Response
Small-Signal Response
VS = ±2.5V
AV = 1
VS = ±2.5V
AV = 1
RL = 10k
1797 G26
1797 G27
FREQUENCY (Hz)
2
4
6
8
10
100
10k
100k
1M
1797 G22
0
1k
12
1
3
5
7
9
11
AV = 1
VS = ±5V
VS = ±1.5V
FREQUENCY (Hz)
10
100
0.0001
0.01
1
1k
10k
100k
1797 G23
0.001
0.1
AV = –1
AV = 1
RL = 10k
VS = 3V, 0V
VOUT = 1.8VP-P
VCM = 1V
LOAD RESISTANCE TO GROUND (k
Ω)
0.01
0.1
1
10
1
10
100
1797 G24
0.001
0.1
VS = 3V, 0V
VIN = 1.8VP-P
VCM = 1.5V
VS = 3V, 0V
VIN = 1.8VP-P
VCM = 1V
VS = 3V TOTAL
AV = 1
f = 1kHz
OUTPUT VOLTAGE (VP-P)
0.01
1
10
02
3
1797 G25
0.001
1
0.1
f = 1kHz
VCM = HALF SUPPLY
RL = 10k
AV = –1
VS = 3V, 0V
AV = 1
VS = 3V, 0V
AV = –1
VS = ±1.5V
AV = 1
VS = ±1.5V
Open-Loop Gain
Settling Time
to 0.1% vs Output Step
OUTPUT VOLTAGE (V)
–5
1797 G19
–4 –3 –2 –1 012
345
VS = ±5V
RL = 50k
RL = 2k
RL = 10k
SETTLING TIME (
µs)
1.0
4
3
2
1
0
–1
–2
–3
– 4
2.6
1797 G20
1.4
1.8
2.2
3.0
2.4
1.2
1.6
2.0
2.8
AV = 1
AV = 1
AV = –1
VS = ±5V
AV = –1
Capacitive Load Handling
Overshoot vs Capacitive Load
CAPACITIVE LOAD (pF)
10
20
25
30
35
40
100
1000
10000
1797 G21
15
10
5
0
45
50
AV = 1
AV = 5
AV = 10
AV = 2
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com