Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1797CS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1797CS5
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797CS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1797CS5 Datasheet HTML 2Page - Linear Technology LT1797CS5 Datasheet HTML 3Page - Linear Technology LT1797CS5 Datasheet HTML 4Page - Linear Technology LT1797CS5 Datasheet HTML 5Page - Linear Technology LT1797CS5 Datasheet HTML 6Page - Linear Technology LT1797CS5 Datasheet HTML 7Page - Linear Technology LT1797CS5 Datasheet HTML 8Page - Linear Technology LT1797CS5 Datasheet HTML 9Page - Linear Technology LT1797CS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1797
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
PSRR vs Frequency
CMRR vs Frequency
TEMPERATURE (
°C)
–50
–25
1.0
2.0
3.5
0
50
75
1797 G13
1.5
3.0
2.5
25
100
125
RISING
FALLING
VS = ±2.5V
TOTAL SUPPLY VOLTAGE (V)
0
8
10
12
9
11
13
2
468
1797 G14
10
1
3
5
7
9
11 12
35
30
45
55
40
50
60
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
f = 100kHz
RF = RG = 1k
Gain Bandwidth Product and
Phase Margin vs RF and RG
FREQUENCY (Hz)
20
80
90
10
0
70
40
60
50
30
1k
100k
1M
10M
1797 G16
–10
10k
VS = ±2.5V
NEGATIVE SUPPLY
POSITIVE SUPPLY
FREQUENCY (Hz)
40
100
110
30
20
90
60
80
70
50
1k
100k
1M
10M
1797 G17
10
10k
VS = ±2.5V
Output Impedance vs Frequency
RF = RG = (Ω)
1k
10
12
14
10k
100k
1797 G15
11
13
20
40
60
10
30
50
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
VS = ±5V
FREQUENCY (Hz)
100
1k
0.01
1
100
10k
100k
1M
10M
1797 G18
0.1
10
GAIN = 100
GAIN = 10
VS = ±2.5V
Input Noise Current Density
vs Frequency
Gain and Phase Shift
vs Frequency
Gain Bandwidth Product
vs Temperature
FREQUENCY (Hz)
10
1k
10k
100k
1797 G10
100
VS = ±2.5V
1.2
1.0
0.8
0.6
0.4
0.2
0
FREQUENCY (Hz)
0
60
70
–10
–20
50
20
40
30
10
10k
1M
10M
100M
1797 G11
–30
–40
80
100
–60
–80
60
0
40
20
–20
–100
100k
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (
°C)
–50
11.5
25
1797 G12
10.0
9.0
–25
0
50
8.5
8.0
12.0
11.0
10.5
9.5
75
100
125
VS = ±5V
VS = ±2.5V
f = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com