Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EI Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS2012EI
Description  Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EI Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS2012EI Datasheet HTML 21Page - STMicroelectronics TS2012EI Datasheet HTML 22Page - STMicroelectronics TS2012EI Datasheet HTML 23Page - STMicroelectronics TS2012EI Datasheet HTML 24Page - STMicroelectronics TS2012EI Datasheet HTML 25Page - STMicroelectronics TS2012EI Datasheet HTML 26Page - STMicroelectronics TS2012EI Datasheet HTML 27Page - STMicroelectronics TS2012EI Datasheet HTML 28Page - STMicroelectronics TS2012EI Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DocID026152 Rev 1
25/32
TS2012EI
Application information
32
4.7
Consumption in shutdown mode
Between the shutdown pin and GND there is an internal 300 k
 (+-/20%) resistor. This
resistor forces the TS2012EI to be in shutdown when the shutdown input is left floating.
However, this resistor also introduces additional shutdown power consumption if the
shutdown pin voltage is not at 0 V.
With a 0.4 V shutdown voltage pin for example, you must add 0.4 V/300 k
 = 1.3 µA typical
(0.4 V/240 k
 = 1.66 µA maximum) for each shutdown pin to the standby current specified
in Table 6 to Table 8. Of course, this current will be provided by the external control device
for the standby pins.
4.8
Single-ended input configuration
It is possible to use the TS2012EI in a single-ended input configuration. However, input
coupling capacitors are mandatory in this configuration. Figure 39 shows a typical single-
ended input application.
Figure 39. Typical application for single-ended input configuration
TS2012
Left speaker
Right speaker
Cin
Cin
Left Input
Cin
Cin
Right Input
Standby Control
VCC
Cs1
1uF
VCC
Cs2
0.1uF
Gain Select
Control
Gain
Select
Oscillator
PWM
PWM
Gain
Select
Standby
Control
Protection
Circuit
Bridge
H
Bridge
H
Lin+
Lin-
G0
G1
Rin+
Rin-
STBYL
STBYR
Lout+
A3
A4
D3
D4
B3
B4
C1
D1
B2
C2
B1
A1
Lout-
Rout+
Rout-
PVCC
PGND
AGND
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com