Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EI Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS2012EI
Description  Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EI Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS2012EI Datasheet HTML 23Page - STMicroelectronics TS2012EI Datasheet HTML 24Page - STMicroelectronics TS2012EI Datasheet HTML 25Page - STMicroelectronics TS2012EI Datasheet HTML 26Page - STMicroelectronics TS2012EI Datasheet HTML 27Page - STMicroelectronics TS2012EI Datasheet HTML 28Page - STMicroelectronics TS2012EI Datasheet HTML 29Page - STMicroelectronics TS2012EI Datasheet HTML 30Page - STMicroelectronics TS2012EI Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DocID026152 Rev 1
27/32
TS2012EI
Application information
32
4.11
Thermal shutdown
The TS2012EI device has an internal thermal shutdown protection in the event of extreme
temperatures to protect the device from overheating. Thermal shutdown is active when the
device reaches 150° C. When the temperature decreases to safe levels, the circuit switches
back to normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com