Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EI Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS2012EI
Description  Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EI Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS2012EI Datasheet HTML 22Page - STMicroelectronics TS2012EI Datasheet HTML 23Page - STMicroelectronics TS2012EI Datasheet HTML 24Page - STMicroelectronics TS2012EI Datasheet HTML 25Page - STMicroelectronics TS2012EI Datasheet HTML 26Page - STMicroelectronics TS2012EI Datasheet HTML 27Page - STMicroelectronics TS2012EI Datasheet HTML 28Page - STMicroelectronics TS2012EI Datasheet HTML 29Page - STMicroelectronics TS2012EI Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Application information
TS2012EI
26/32
DocID026152 Rev 1
4.9
Output filter considerations
The TS2012EI is designed to operate without an output filter. However, due to very sharp
transients on the TS2012EI output, EMI-radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS2012EI
outputs and loudspeaker terminal are long (typically more than 50 mm, or 100 mm in both
directions, to the speaker terminals). Because the PCB layout and internal equipment
device are different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow.
Reduce, as much as possible, the distance between the TS2012EI output pins and the
speaker terminals.
Use a ground plane to "shield" sensitive wires.
Place, as close as possible to the TS2012EI and in series with each output, a ferrite
bead with a rated current of at least 2.5 A and an impedance greater than 50
at
frequencies above 30 MHz. If, after testing, these ferrite beads are not necessary,
replace them by a short-circuit.
Allow extra footprint to place, if necessary, a capacitor to short perturbations to ground
(Figure 40).
Figure 40. Ferrite chip bead placement
In the case where the distance between the TS2012EI output and the speaker terminals is
too long, it is possible to have low frequency EMI issues due to the fact that the typical
operating frequency is 280 kHz. In this configuration, it is necessary to use the output filter
represented in Figure 1 on page 5 as close as possible to the TS2012EI.
4.10
Short-circuit protection
The TS2012EI includes output short-circuit protection. This protection prevents the device
from being damaged in case of fault conditions on the amplifier outputs.
When a channel is in operating mode and a short-circuit occurs between two outputs of the
channel or between an output and ground, the short-circuit protection detects this situation
and puts the appropriate channel into standby. To put the channel back into operating mode,
it is necessary to put the channel’s standby pin to logical LO, and then back again to logical
HI and wake up the channel.
to speaker
about 100pF
gnd
Ferrite chip bead
From output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com