Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EI Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS2012EI
Description  Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EI Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS2012EI Datasheet HTML 24Page - STMicroelectronics TS2012EI Datasheet HTML 25Page - STMicroelectronics TS2012EI Datasheet HTML 26Page - STMicroelectronics TS2012EI Datasheet HTML 27Page - STMicroelectronics TS2012EI Datasheet HTML 28Page - STMicroelectronics TS2012EI Datasheet HTML 29Page - STMicroelectronics TS2012EI Datasheet HTML 30Page - STMicroelectronics TS2012EI Datasheet HTML 31Page - STMicroelectronics TS2012EI Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Package information
TS2012EI
30/32
DocID026152 Rev 1
Figure 44. Tape and reel schematics (top view)
Figure 45. Recommended footprint
User direction of feed
8
Die size X + 70µm
4
4
All dimensions are in mm
A
1
A
1
User direction of feed
8
Die size X + 70µm
4
4
All dimensions are in mm
A
1
A
1
150
m min.
500
m
500
m
=250m
=400m typ.
75µm min.
100
m max.
Track
Non Solder mask opening
=340m min.
Pad in Cu 18
m with Flash NiAu (2-6m, 0.2m max.)
150
m min.
500
m
500
m
=250m
=400m typ.
75µm min.
100
m max.
Track
Non Solder mask opening
=340m min.
Pad in Cu 18
m with Flash NiAu (2-6m, 0.2m max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com