Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012EI Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS2012EI
Description  Filter-free Flip Chip stereo 2 x 2.5 W class D audio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012EI Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS2012EI Datasheet HTML 24Page - STMicroelectronics TS2012EI Datasheet HTML 25Page - STMicroelectronics TS2012EI Datasheet HTML 26Page - STMicroelectronics TS2012EI Datasheet HTML 27Page - STMicroelectronics TS2012EI Datasheet HTML 28Page - STMicroelectronics TS2012EI Datasheet HTML 29Page - STMicroelectronics TS2012EI Datasheet HTML 30Page - STMicroelectronics TS2012EI Datasheet HTML 31Page - STMicroelectronics TS2012EI Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package information
TS2012EI
28/32
DocID026152 Rev 1
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 41. Flip Chip 16 package mechanical drawing
Die size: 2.07 x 2.07 mm ± 50 µm
Die height (including bumps):
600 µm
Bump diameter: 315 µm ±50µm
Bump diameter before reflow:
300 µm ±10µm
Bump height: 250 µm ±40 µm
Die height: 350 µm ±20µm
Pitch: 500 µm ±50 µm
Bump Coplanarity: 60 µm max
Optional*: back coating height:
40 µm
500
m
2.1 mm
2.1 mm
600
m
40
m*
G1
INL+
250
m
500
m
2.1 mm
2.1 mm
600
m
40
m*
G1
INL+
250
m
2.07mm
2.07 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com