Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7215C
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7215C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE7215C
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
7V
Max Voltage All Pins
7V
Max Operating Junction Temperature(Tj)
125℃
Ambient Temperature(Ta)
-40℃~85℃
Maximum Power Dissipation
SOT23-5
400mW
DFN2*2-6L
600mW
Storage Temperature(Ts)
-40℃~50℃
Lead Temperature & Time
260℃, 10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
SOT23-5
DFN2*2-6L
PIN NO
Description
Description
SOT23-5 DFN2*2-6L
1
2
EN
Chip Enable Pin. Drive EN above 1.5V to turn on the part. Drive EN below
0.3V to turn it off. Do not leave EN floating.
2
1/5/7
GND
Ground
3
4
SW
Power Switch Output. It is the switch node connection to Inductor. This
pin connects to the drains of the internal P-ch and N-ch MOSFET
switches.
4
3
VIN
Supply voltage. Must be closely decoupled to GND with a 10µF or greater
ceramic capacitor.
5
6
FB
Output Voltage Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal reference voltage.
Ordering information
ACE7215CXX+ H
Pb - free
BN:SOT23-5
MN:DFN2*2-6L
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com