Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE7215C
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE7215C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE7215C
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
4
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vin
Input Voltage Range
2.5
6
V
Vref
Feedback Voltage
0.588
0.6
0.612
V
Iq
Quiescent Current
FB=90%, Vin=5.0V,
Iload=0mA
150
300
uA
FB= 05%, Vin=5.0V,
Iload=0mA
40
70
V
EN =0V,
Vin=4.2V
0.1
1.0
LnReg
Line Regulation
Vin=2.5V to 6V
0.1
0.2
%/V
LdReg
Load Regulation
0.5
%
Fsoc
Switching Frequency
1.5
MHz
RdsonP
PMOS Rdson
I
SW=100mA
300
mohm
RdsonN
NMOS Rdson
I
SW=-100mA
200
mohm
Ilimit
Peak Current Limit
Vin=5V, Vout=3.3V
1.5
A
Inoload*
Vin=5V, Vout=3.3V,
Iout=0
43
uA
Iswlk
SW Leakage Current
V
EN=0V,Vin=Vsw=5V
1
uA
Ienlk
EN Leakage Current
1
uA
Vh_en
EN Input High Voltage
1.04
V
Vl_en
EN Input Low Voltage
0.98
V
Note: *When Dutycycle >90%, Inoload will increase. e.g. Vin=3.5V/Vout=3.3V, Inoload=800uA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com