Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7215C
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7215C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE7215C
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
1
Description
The ACE7215C is a high-efficiency monolithic synchronous buck regulator using a constant frequency,
current mode architecture. The device is available in an adjustable version. Supply current with no load is
40uA and drops to <1uA in shutdown. The 2.5V to 6V input voltage range makes the ACE7215C ideally
suited for single Li-Ion battery powered applications. 100% duty cycle provides low dropout operation,
extending battery life in portable systems. PWM/PFM mode operation provides very low output ripple
voltage for noise sensitive applications.
Switching frequency is internally set at 1.5MHz, allowing the use of small surface mount inductors and
capacitors. Low output voltages are easily supported with the 0.6V feedback reference voltage.
The ACE7215C is available in SOT23-5 and DFN2*2-6L package.
Features
High Efficiency: Up to 96%
2.5V to 6V Input Voltage Range
1.5MHz Constant Frequency Operation
No Schottky Diode Required
Low Dropout Operation:100% Duty Cycle
PFM Mode for High Efficiency in Light Load
Over temperature Protected
Low Quiescent Current: 40μA
Short Circuit Protection
Inrush Current Limit and Soft Start
Available in SOT23-5 and DFN2*2-6L
Application
Cellular and Smart Phones
Wireless and DSL Modems
PDAs
Portable Instruments
Digital Still and Video Cameras
PC Cards


Similar Part No. - ACE7215C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results

Similar Description - ACE7215C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
1.5MHz, 1.5A Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
Dual 1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com