Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE7215C
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE7215C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ACE7215C
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
5
Detailed Description
The ACE7215C uses a constant frequency, current mode step-down architecture. Both the main
(P-channel MOSFET) and synchronous (N-channel MOSFET) switches are internal. During normal
operation, the internal top power MOSFET is turned on each cycle when the oscillator sets the RS latch,
and turned off when the current comparator, ICOMP, resets the RS latch. The peak inductor current at
which ICOMP resets the RS latch, is controlled by the output of error amplifier EA. When the load current
increases, it causes a slight decrease in the feedback voltage, FB, relative to the 0.6V reference, which in
turn, causes the EA amplifier’s output voltage to increase until the average inductor current matches the
new load current. While the top MOSFET is off, the bottom MOSFET is turned on until either the inductor
current starts to reverse, as indicated by the current reversal comparator IRCMP, or the beginning of the
next clock cycle.
Applications Information
Setting the Output Voltage
In the adjustable version, the output voltage is set by a resistive divider according to the following formula:
The external resistive divider is connected to the output, allowing remote voltage sensing as shown in on
page 1.
Inductor Selection
For most designs, the ACE7215C operates with inductors of 1µH to 4.7µH. Low inductance values are
physically smaller but require faster switching, which results in some efficiency loss. The inductor value
can be derived from the following equation:
Where
I
L
is inductor Ripple Current. Large value inductors result in lower ripple current and small value
inductors result in high ripple current. For optimum voltage-positioning load transients, choose an inductor
with DC series resistance in
the 50mΩ to 150mΩ range.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com