Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215C Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE7215C
Description  1.5A 1.5MHz Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215C Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE7215C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7215C Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE7215C
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
6
Input Capacitor Selection
Higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. Their
high ripple current, high voltage rating and low ESR make them ideal for switching regulator applications.
Because the ACE7215C
’s control loop does not depend on the output capacitor’s ESR for stable
operation, ceramic capacitors can be used freely to achieve very low output ripple and small circuit size.
However, care must be taken when ceramic capacitors are used at the input and the output. When a
ceramic capacitor is used at the input and the power is supplied by a wall adapter through long wires, a
load step at the output can induce ringing at the input, VIN. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden inrush of current through the long wires can
potentially cause a voltage spike at VIN, large enough to damage the part. When choosing the input and
output ceramic capacitors, choose the X5R or X7R dielectric formulations. These dielectrics have the best
temperature and voltage characteristics of all the ceramics for a given value and size.
PC Board Layout Checklist
When laying out the printed circuit board, the following checking should be used to ensure proper
operation of the ACE7215C. Check the following in your layout:
1.
The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept short,
direct and wide.
2.
Does the (+) plates of Cin connect to Vin as closely as possible? This capacitor provides the AC
current to the internal power MOSFETs.
3.
Keep the switching node, SW, away from the sensitive VOUT node.
4.
Keep the (-) plates of Cin and Cout as close as possible



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com