Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-0812LN Datasheet(PDF) 1 Page - Mini-Circuits

Part # TO-0812LN
Description  Plug-In Low Noise Amplifier 800 to 1200 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TO-0812LN Datasheet(HTML) 1 Page - Mini-Circuits

  TO-0812LN Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance Data
Electrical Specifications
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• military
RF IN
5
RF OUT
11
DC
2
CASE GND
1,3,4,6,7,8,9,10,12
• very low noise, 0.8 dB typ.
• ideal for printed circuit design
• excellent gain flatness
• hermetic sealed
Applications
Operating Temperature
-54°C to 85°C
Storage Temperature
-55°C to 100°C
CASE STYLE: QQ96
PRICE: $199.00 ea. QTY (1-9)
Outline Drawing
GAIN
(dB)
MAXIMUM POWER
(dBm)
f
L-fU
DC
POWER
FREQ.
(MHz)
MODEL
NO.
NF*
(dB)
VSWR
(:1)
Max.
INTERCEPT
POINT
(dBm)
Input
(no
damage)
Output
(1 dB
Comp.)
Typ.
Max.
Min.
Flatness
Max.
IP3
Typ.
In
Out
Volt
(V)
Current
(mA)
TO-0812LN
800-1200
1.2
20
±1.0
+8
+10
+22.5
2.5
2.5
15
70
*NF specified at room temperature, increases to 1.6 dB max. at +85°C
Frequency
(MHz)
Gain
(dB)
15V
Directivity
(dB)
VSWR
IN
OUT
N.F.
(dB)
Pout (dBm)
(@1dB COMPR)
15V
TO-0812LN
GAIN
20
22
24
26
28
30
800
850
900
950
1000
1050
1100
1150
1200
FREQUENCY (MHz)
Vcc=15V
TO-0812LN
VSWR
0.0
0.5
1.0
1.5
2.0
2.5
800
850
900
950
1000
1050
1100
1150
1200
FREQUENCY (MHz)
IN
OUT
Vcc=15V
TO-0812LN
DIRECTIVITY
15.0
20.0
25.0
30.0
35.0
800
850
900
950
1000
1050
1100
1150
1200
FREQUENCY (MHz)
Vcc=15V
800.00
25.24
26.21
26.52
25.41
25.15
25.41
2.21
1.84
0.97
9.27
850.00
25.45
26.39
26.68
24.15
23.86
24.15
1.90
1.69
0.92
9.74
900.00
25.57
26.47
26.75
23.16
22.93
23.16
1.70
1.58
0.92
9.88
950.00
25.65
26.51
26.77
22.43
22.37
22.43
1.59
1.52
0.90
10.22
1000.00
25.70
26.53
26.78
21.75
21.94
21.75
1.57
1.46
0.92
10.46
1050.00
25.78
26.59
26.83
21.13
21.18
21.13
1.61
1.42
0.90
10.68
1100.00
25.85
26.65
26.89
20.54
20.51
20.54
1.71
1.40
0.88
10.88
1150.00
25.96
26.74
26.98
20.06
20.16
20.06
1.85
1.39
0.85
10.95
1170.00
25.99
26.78
27.02
19.68
19.83
19.68
1.91
1.39
0.85
10.95
1200.00
26.03
26.83
27.07
19.55
19.55
19.55
2.01
1.39
0.82
10.95
12V
16V
15V
12V
16V
AB
C
D
E
F
G
H
.600
.250
.25
.016
.020
.04
.400
.200
15.24
6.35
6.35
.41
.51
1.02
10.16
5.08
J
K
wt.
.200
.100
grams
5.08
2.54
4.0
4.0
4.0
4.0
4.0
TO-0812LN
800 to 1200 MHz
Low Noise Amplifier
Plug-In
REV. OR
M89420
EDB-030103
TO-0812LN
EL/TD/CP
031103
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
NEW!


Similar Part No. - TO-0812LN

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
TO-05300 ICE-TO-05300 Datasheet
326Kb / 2P
SMPS Xfmr
TO-05400 ICE-TO-05400 Datasheet
326Kb / 2P
SMPS Xfmr
TO-05500 ICE-TO-05500 Datasheet
326Kb / 2P
SMPS Xfmr
TO-05650 ICE-TO-05650 Datasheet
326Kb / 2P
SMPS Xfmr
TO-05800 ICE-TO-05800 Datasheet
326Kb / 2P
SMPS Xfmr
More results

Similar Description - TO-0812LN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
Mini-Circuits
ZRL-1200 MINI-ZRL-1200 Datasheet
184Kb / 1P
Low Noise Amplifier 50??650 to 1200 MHz
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
800 - 900 MHz LOW NOISE AMPLIFIER
logo
HBH Microwave GmbH
HP1001 HBH-HP1001 Datasheet
16Kb / 1P
800 - 1200 MHz Phase Shifter
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
AM55-0016 MA-COM-AM55-0016 Datasheet
223Kb / 6P
Switched Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com