Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F39 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT45F39 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
Rev. 1.10
4
July 01, 2016
Rev. 1.10
5
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Features
CPU Features
• InternalShuntRegulator:5V
• PowerSupplyinputvoltage
♦
HT45F39:8V~16V
♦
HT45F391:4.5V~5.5V
• Upto0.25msinstructioncyclewith16MHzsystemclock
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Oscillatortypes
♦
InternalRC–HIRC
♦
Internal32kHzRC–LIRC
• Operatingmode:NormalandSleep
• Fullyintegratedinternal32kHzand16MHzoscillatorrequiresnoexternalcomponents
• AllinstructionsexecutedinoneortwomachineCycles
• Tablereadinstructions
• 63powerfulinstructions
• 4-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:2K×16
• RAMDataMemory:160×8
• WatchdogTimerfunction
• Upto11bidirectionalI/Olines
• Dual10-bitTimerModulefortimemeasure,comparematchoutput,PWMoutputfunction
• DualOperationalAmplifiersfunctions
• Upto8channelhighspeed8-bitADC
• SwitchCapacitorFilterwithgaincontroloutputtointernalhighspeed8-bitADCfunction
• Auto-EnvelopeProcessor(AEP)forinputsignalprocessing
• SpecialBusControlUnitinterfaceforLinBuslikedatacommunication
• Lowvoltageresetfunction
• 16-pinNSOPpackagetype



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com