Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F39 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
Rev. 1.10
86
July 01, 2016
Rev. 1.10
87
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Application Circuits
Shunt
Regulator
0.1µF
VDD
10kΩ
100kΩ
1/2VDD
Vref
Band Pass
SCF
&
Gain
Control
VCM
OP1N
OP1O
Auto
Envelope
Processor
500kΩ
+12V
1nF
10kΩ
220Ω
47kΩ
100µF
Ultrasonic
Sensor
I/O
10µF
A2
+
A2
+
20pF
ADC
0.1µF
100Ω
RSER
VSS
PA0 ~ PA7
PB0 ~ PB2
HT45F39
4.7kΩ
Shunt
Regulator
0.1µF
VDD
10kΩ
100kΩ
1/2VDD
Vref
Band Pass
SCF
&
Gain
Control
VCM
OP1N
OP1O
Auto
Envelope
Processor
510kΩ
1nF
1MΩ
I/O
A2
+
A2
+
20pF
ADC
0.1µF
PA0 ~ PA7
PB0 ~ PB2
VSS
10µF
10kΩ
10kΩ
+5V
+5V
Transmitter
220Ω 20pF
ANx
4M
22pF
22pF
10kΩ
Receiver
10kΩ
TCKx
510Ω
HT45F391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com