Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F39 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Rev. 1.10
12
July 01, 2016
Rev. 1.10
13
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
SCF Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SCVDD
Power Supply Voltage
─
4.5
─
5.5
Volt
SCGAIN
Gain Range
─
6
─
30
DB
SCBW
Bandwidth
Connect RL(=2KΩ) to a DC Level(=2.5V)
─
3K
─
Hz
PMRR
Output Range
─
─
4
─
V
AOL
Filter Clock
VDD= all range
─
fSYS/20
─
Hz
Op Amplifier Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VI(R)
Input Common Mode Voltage
─
0
─
VDD-1.4
V
IPD
Power Down Current
─
─
─
0.1
μA
PMRR
Power Mode Rejection Ratio
─
80
─
─
dB
AOL
Open Loop Gain
VDD= all range
100
─
─
dB
CMRR
Common Mode Rejection Ratio
─
80
─
─
dB
UGBW
Unit Gain Band Width
VCM=2.5V
5
─
─
MHz
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure Power-on Reset
—
—
—
—
100
mV
RRVDD
VDD Raising Rate to Ensure Power-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minimum Time for VDD Stays at VPOR to Ensure
Power-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com