Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F39 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT45F39 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Rev. 1.10
32
July 01, 2016
Rev. 1.10
33
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
Oscillators and Operating Modes
Twointernaloscillatorsareprovided,onelowspeedandonehighspeed.Botharefullyintegrated
andrequirenoexternalcomponentsfortheiroperation.
Internal High Speed Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorhasafixedfrequencyof16MHz.Devicetrimmingduringthe
manufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareusedto
ensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimized.Asaresult,atapowersupplyof5Vandatatemperaturefrom
-20~60°C degrees,thefixedoscillationfrequency16MHzwillhaveatolerancewithin2%asit
requiresnoexternalpinsforitsoperation.
Internal Low Speed Oscillator – LIRC
TheLIRCisafullyself-containedfreerunningon-chipRCoscillatorusedastheperipheralfunction
clocksourcewithatypicalfrequencyof32kHzat5Vrequiringnoexternalcomponents.Whenthe
devicesentertheSLEEP0/SLEEP1Mode,thesystemclockwillstoprunningbuttheWDToscillator
continuestofree-runandtokeepthewatchdogactive.
System Operation Modes
Therearetwodifferentmodesforthemicrocontroller,eachonewithitsownspecialcharacteristicsand
whichcanbechosenaccordingtothespecificperformanceandpowerrequirementsoftheapplication.
Thereisonemodeallowingnormaloperationofthemicrocontroller,theNORMALMode.Theother
mode,theSLEEPMode,isusedwhenthemicrocontrollerCPUisswitchedofftoconservepower.
Operation Mode
Description
CPU
HIRC
LIRC
NORMAL Mode
On
On
On
SLEEP Mode
Off
Off
On
NORMAL Mode
Asthenamesuggeststhisisoneofthemainoperatingmodeswherethemicrocontrollerhasallof
itsfunctionsoperationalandwherethesystemclockisprovidedbytheHIRCoscillator.
SLEEP Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecuted.IntheSLEEPmodetheCPU
willbestopped.However,theLIRCclockwillcontinuetooperatesincetheWatchdogTimer
functionisalwaysenabled.
Entering the SLEEP Mode
ThereisonlyonewayforthedevicestoentertheSLEEPModeandthatistoexecutethe"HALT"
instructionintheapplicationprogramandtheWDTon.Whenthisinstructionisexecutedunderthe
conditionsdescribedabove,thefollowingwilloccur:
• Thesystemclockwillbestoppedandtheapplicationprogramwillstopatthe"HALT"
instruction,buttheWDTwillremainwiththeclocksourcecomingfromtheLIRCclock.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheWDTwillbeclearedandresumecountingastheWDTisenabled.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com