Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F39 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45F39
Description  Ultrasonic Distance Measurement 8-bit Flash MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F39 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45F39 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F39 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
Rev. 1.10
4
July 01, 2016
Rev. 1.10
5
July 01, 2016
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
HT45F39/HT45F391
Ultrasonic Distance Measurement 8-bit Flash MCU
A/D Operation ....................................................................................................................... 63
A/D Input Pins ....................................................................................................................... 63
Summary of A/D Conversion Steps....................................................................................... 64
Programming Considerations................................................................................................ 64
A/D Programming Examples................................................................................................. 65
Auto-Envelope Process Unit ........................................................................ 67
Auto-Envelope Processing Operation................................................................................... 68
Auto Envelop Process Unit Register Description.................................................................. 68
FIFO Operation ..................................................................................................................... 71
Car Parking Sensor Bus Control Unit ......................................................... 74
Bus Control Unit for 12V Interface Application...................................................................... 75
5V Interface Application Bus Control Unit ............................................................................ 77
Shunt Regulator – HT45F39 only ................................................................. 79
Interrupts........................................................................................................ 79
Interrupt Registers................................................................................................................. 79
Interrupt Operation................................................................................................................ 82
External Interrupt................................................................................................................... 83
Auto-Envelope Process Comparator Interrupt ...................................................................... 84
10-level FIFO Interrupt.......................................................................................................... 84
A/D Converter Interrupt......................................................................................................... 84
TM Interrupt........................................................................................................................... 84
Interrupt Wake-up Function................................................................................................... 85
Programming Considerations................................................................................................ 85
Application Circuits....................................................................................... 86
Instruction Set................................................................................................ 87
Introduction ........................................................................................................................... 87
Instruction Timing.................................................................................................................. 87
Moving and Transferring Data............................................................................................... 87
Arithmetic Operations............................................................................................................ 87
Logical and Rotate Operations.............................................................................................. 88
Branches and Control Transfer ............................................................................................. 88
Bit Operations ....................................................................................................................... 88
Table Read Operations ......................................................................................................... 88
Other Operations................................................................................................................... 88
Instruction Set Summary .............................................................................. 89
Table Conventions................................................................................................................. 89
Instruction Definition..................................................................................... 91
Package Information ................................................................................... 100
16-pin NSOP (150mil) Outline Dimensions......................................................................... 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com