Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F006 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT68F006
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F006 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT68F006 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 55Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 56Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 57Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 58Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 59Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 60Page - Holtek Semiconductor Inc HT68F006 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
Rev. 1.00
56
��to�e� ��� �01�
Rev. 1.00
57
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Compact TM Operation
Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock
source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator
P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The
CCRPis3-bitwidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe
CCRAis10-bitwideandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
Compact Type TM Register Description
OveralloperationoftheCompactTMiscontrolledusingseveralregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whilearead/writeregisterpairexiststostore
theinternal10-bitCCRAvalue.Theremainingtworegistersarecontrolregisterswhichsetupthe
differentoperatingandcontrolmodesaswellasthethreeCCRPbits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TMPC
—
—
—
—
T1CP1
T1CP0
T0CP1
T0CP0
TMnC0
TnPAU
TnCK�
TnCK1
TnCK0
Tn�N
TnRP�
TnRP1
TnRP0
TMnC1
TnM1
TnM0
TnI�1
TnI�0
Tn�C
TnP�L
TnDPX
TnCCLR
TMnDL
D7
D6
D5
D4
D3
D�
D1
D0
TMnDH
—
—
—
—
—
—
D9
D8
TMnAL
D7
D6
D5
D4
D3
D�
D1
D0
TMnAH
—
—
—
—
—
—
D9
D8
Compact TM Register List (n=0 or 1)
TMnDL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
P�R
0
0
0
0
0
0
0
0
Bit7~0
TMnDL:TMnCounterLowByteRegisterbit7~bit0
TMn10-bitCounterbit7~bit0
TMnDH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
P�R
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
TMnDH:TMnCounterHighByteRegisterbit1~bit0
TMn10-bitCounterbit9~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com